Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8831ICD Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8831ICD
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8831ICD Datasheet(HTML) 5 Page - Texas Instruments

  DAC8831ICD Datasheet HTML 1Page - Texas Instruments DAC8831ICD Datasheet HTML 2Page - Texas Instruments DAC8831ICD Datasheet HTML 3Page - Texas Instruments DAC8831ICD Datasheet HTML 4Page - Texas Instruments DAC8831ICD Datasheet HTML 5Page - Texas Instruments DAC8831ICD Datasheet HTML 6Page - Texas Instruments DAC8831ICD Datasheet HTML 7Page - Texas Instruments DAC8831ICD Datasheet HTML 8Page - Texas Instruments DAC8831ICD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.ti.com
PIN CONFIGURATIONS (NOT TO SCALE)
1
2
3
4
8
7
6
5
V
DD
DGND
SDI
SCLK
V
OUT
AGND
V
REF
CS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
RFB
V
OUT
AGNDF
AGNDS
V
REF−S
V
REF−F
CS
V
DD
INV
DGND
LDAC
SDI
NC
SCLK
DAC8831
Thermal Pad(1)
2
3
5
6
4
13
12
10
9
11
14
1
V
DD
RFB
SCLK
CS
8
7
NOTE: (1) Exposed thermal pad in the QFN package
must be connected to analog ground.
DAC8830
DAC8831
SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007
D PACKAGE
D PACKAGE
RGY PACKAGE
SO-8
SO-14
QFN-14
(TOP VIEW)
(TOP VIEW)
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
DESCRIPTION
NO.
NAME
DAC8830
1
VOUT
Analog output of DAC
2
AGND
Analog ground
3
VREF
Voltage reference input
4
CS
Chip select input (active low). Data are not clocked into SDI unless CS is low
5
SCLK
Serial clock input
6
SDI
Serial data input. Data are latched into input register on the rising edge of SCLK.
7
DGND
Digital ground
8
VDD
Analog power supply, +3 V to +5 V
DAC8831
1
RFB
Feedback resistor. Connect to the output of external operational amplifier in bipolar mode.
2
VOUT
Analog output of DAC
3
AGNDF
Analog ground (Force)
4
AGNDS
Analog ground (Sense)
5
VREF–S
Voltage reference input (Sense). Connect to external voltage reference
6
VREF–F
Voltage reference input (Force). Connect to external voltage reference
7
CS
Chip select input (active low). Data are not clocked into SDI unless CS is low.
8
SCLK
Serial clock input.
9
NC
No internal connection
10
SDI
Serial data input. Data are latched into input register on the rising edge of SCLK.
Load DAC control input. Active low. When LDAC is Low, the DAC latch is simultaneously updated with the content
11
LDAC
of the input register.
12
DGND
Digital ground
13
INV
Junction point of internal scaling resistors. Connect to external operational amplifier inverting input in bipolar mode.
14
VDD
Analog power supply, +3 V to +5 V.
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC8830 DAC8831


Similar Part No. - DAC8831ICD

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8831ICD BURR-BROWN-DAC8831ICD Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831ICDR BURR-BROWN-DAC8831ICDR Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Similar Description - DAC8831ICD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com