Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7W24000MCB-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 7W24000MCB-B
Description  OSCILLATOR Part Numbering System - CMOS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7W24000MCB-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  7W24000MCB-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A 5.0V
B 3.3V
C 2.5V
D 1.8V
Supply Voltage
Frequency
7W
7C
7X
8W
8N
Product Family
Example Part Number: 7W-14.31818MBB-T
OSCILLATOR Part Numbering System -
CMOS
7W 14.31818M B
T
-
-
Frequency Stability (over Temp)
B
T Tape & Reel
B Bulk
Packaging Method
Numeric Value. Three digits to the left and right of
the decimal point, in most cases (if repeating
numbers, will state till the second repeating, i.e.
14.318181818 would be 14.31818)
B
±50ppm
(-10 to 70˚C)
C
±100ppm
(-10 to 70˚C)
F
±100ppm
(-40 to 85˚C)


Similar Part No. - 7W24000MCB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7W25000MAB-B ETC2-7W25000MAB-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W25000MAB-T ETC2-7W25000MAB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W25000MAC-B ETC2-7W25000MAC-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W25000MAC-T ETC2-7W25000MAC-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W25000MAF-B ETC2-7W25000MAF-B Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
More results

Similar Description - 7W24000MCB-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9B-250007W-1431818MB-T ETC2-9B-250007W-1431818MB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7C-24576MBA-T ETC2-7C-24576MBA-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W-25000MBB-T ETC2-7W-25000MBB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
8W-20.000MBB-T ETC2-8W-20.000MBB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System - CMOS
7W-75.000MBB-T ETC2-7W-75.000MBB-T Datasheet
552Kb / 1P
   OSCILLATOR Part Numbering System
9C-24000MAAJ-T ETC2-9C-24000MAAJ-T Datasheet
553Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
7B-24.000MAAJ-T ETC2-7B-24.000MAAJ-T Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
9B-25.000MAAJ-B ETC1-9B-25.000MAAJ-B Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
9B-25000MAAJ-B ETC2-9B-25000MAAJ-B Datasheet
604Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
7B-32000MAAJ-T ETC2-7B-32000MAAJ-T Datasheet
550Kb / 1P
   Quartz Crystal Part Numbering System - Basic MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com