Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2653MTCX-ADJ Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2653MTCX-ADJ
Description  LM2653 1.5A High Efficiency Synchronous Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2653MTCX-ADJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2653MTCX-ADJ Datasheet HTML 7Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 8Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 9Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 10Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 11Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 12Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 13Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 14Page - Texas Instruments LM2653MTCX-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LM2653
www.ti.com
SNVS050E – NOVEMBER 1999 – REVISED APRIL 2013
LDELAY CAPACITOR
As mentioned in the Operation section, the LDELAY capacitor sets the time delay between the output voltage
goes below 80% of its nominal value and the undervoltage latch protection is enabled.
Charging the CDELAY by a 5
μA current source up to 2V sets the delay time. Therefore, TDELAY = CDELAY *
2V/5
μA.
The undervoltage protection is disabled by tying the LDELAY pin to the ground.
R1 and R2 (PROGRAMMING OUTPUT VOLTAGE)
Use the following formula to select the appropriate resistor values:
VOUT = VREF(1 + R1/R2)
where
VREF = 1.238V
(6)
Select resistors between 10k
Ω and 100kΩ. (1% or higher accuracy metal film resistors for R1 and R2.)
COMPENSATION COMPONENTS
In the control to output transfer function, the first pole Fp1 can be estimated as 1/(2πROUTCOUT); The ESR zero
Fz1 of the output capacitor is 1/(2πESRCOUT); Also, there is a high frequency pole Fp2 in the range of 45kHz to
150kHz:
Fp2 = Fs/(πn(1−D))
where
D = VOUT/VIN
n = 1+0.348L/(VIN−VOUT) (L is in µHs and VIN and VOUT in volts)
(7)
The total loop gain G is approximately 500/IOUT where IOUT is in amperes.
A Gm amplifier is used inside the LM2653. The output resistor Ro of the Gm amplifier is about 80kΩ. Cc1 and RC
together with Ro give a lag compensation to roll off the gain:
Fpc1 = 1/(2πCc1(Ro+Rc)), Fzc1 = 1/2πCc1Rc.
(8)
In some applications, the ESR zero Fz1 cannot be cancelled by Fp2. Then, Cc2 is needed to introduce Fpc2 to
cancel the ESR zero, Fp2 = 1/(2πCc2Ro‖Rc).
The rule of thumb is to have more than 45° phase margin at the crossover frequency (G=1).
If COUT is higher than 68µF, Cc1 = 2.2nF, and Rc = 15KΩ are good choices for most applications. If the ESR zero
is too low to be cancelled by Fp2, add Cc2.
If the transient response to a step load is important, choose RC to be higher than 10kΩ.
EXTERNAL SCHOTTKY DIODE
A Schottky diode D1 is recommended to prevent the intrinsic body diode of the low-side MOSFET from
conducting during the deadtime in PWM operation and hysteretic mode when both MOSFETs are off. If the body
diode turns on, there is extra power dissipation in the body diode because of the reverse-recovery current and
higher forward voltage; the high-side MOSFET also has more switching loss since the negative diode reverse-
recovery current appears as the high-side MOSFET turn-on current in addition to the load current. These losses
degrade the efficiency by 1-2%. The improved efficiency and noise immunity with the Schottky diode become
more obvious with increasing input voltage and load current.
The breakdown voltage rating of D1 is preferred to be 25% higher than the maximum input voltage. Since D1 is
only on for a short period of time, the average current rating for D1 only requires being higher than 30% of the
maximum output current. It is important to place D1 very close to the drain and source of the low-side MOSFET,
extra parasitic inductance in the parallel loop will slow the turn-on of D1 and direct the current through the body
diode of the low-side MOSFET.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2653


Similar Part No. - LM2653MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2653MTC-ADJ NSC-LM2653MTC-ADJ Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653MTC-ADJ NSC-LM2653MTC-ADJ Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Similar Description - LM2653MTCX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com