Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4702CTA Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4702CTA
Description  LM4702 Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4702CTA Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4702CTA Datasheet HTML 6Page - Texas Instruments LM4702CTA Datasheet HTML 7Page - Texas Instruments LM4702CTA Datasheet HTML 8Page - Texas Instruments LM4702CTA Datasheet HTML 9Page - Texas Instruments LM4702CTA Datasheet HTML 10Page - Texas Instruments LM4702CTA Datasheet HTML 11Page - Texas Instruments LM4702CTA Datasheet HTML 12Page - Texas Instruments LM4702CTA Datasheet HTML 13Page - Texas Instruments LM4702CTA Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
100
10k
10M 100M
100k
1k
10
FREQUENCY (Hz)
1M
180
-20
20
80
140
120
60
40
0
100
160
203
-23
23
90
158
135
68
45
0
113
180
LM4702
SNAS328I – AUGUST 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS FOR LM4702C (continued)
+PSRR vs Frequency
−PSRR vs Frequency
VDD = ±50V, RS = 1kΩ, Ripple on VCC
VDD = ±50V, RS = 1kΩ, Ripple on Vee
Figure 10.
Figure 11.
+PSRR vs Frequency
−PSRR vs Frequency
VDD = ±75V, RS = 1kΩ, Ripple on VCC
VDD = ±75V, RS = 1kΩ, Ripple on Vee
Figure 12.
Figure 13.
Open Loop and Phase
Upper-Phase, Lower-Gain
Figure 14.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4702


Similar Part No. - LM4702CTA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4702C NSC-LM4702C Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
More results

Similar Description - LM4702CTA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4702 NSC-LM4702 Datasheet
824Kb / 15P
   LM4702 Overture Audio Power Amplifier Series Stereo High Fidelity 200 Volt* Driver with Mute
logo
Texas Instruments
90074 TI-90074 Datasheet
856Kb / 16P
[Old version datasheet]   Audio Power Amplifier Series Stereo High Fidelity 200 Volt Driver with Mute
logo
National Semiconductor ...
LME49830 NSC-LME49830 Datasheet
515Kb / 22P
   Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
logo
Texas Instruments
LME49830 TI1-LME49830 Datasheet
811Kb / 23P
[Old version datasheet]   LME49830 Mono High Fidelity 200 Volt MOSFET Power Amplifier Input Stage with Mute
LME49811 TI1-LME49811 Datasheet
416Kb / 19P
[Old version datasheet]   Audio Power Amplifier Series High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
   Stereo 50W Audio Power Amplifier with Mute
LM4755 NSC-LM4755_02 Datasheet
788Kb / 23P
   Stereo 11W Audio Power Amplifier with Mute
LM4755 NSC-LM4755 Datasheet
714Kb / 18P
   Stereo 11W Audio Power Amplifier with Mute
LME49811 NSC-LME49811 Datasheet
672Kb / 18P
   High Fidelity 200 Volt Power Amplifier Input Stage with Shutdown
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com