Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7610 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SPT7610 Datasheet HTML 2Page - Fairchild Semiconductor SPT7610 Datasheet HTML 3Page - Fairchild Semiconductor SPT7610 Datasheet HTML 4Page - Fairchild Semiconductor SPT7610 Datasheet HTML 5Page - Fairchild Semiconductor SPT7610 Datasheet HTML 6Page - Fairchild Semiconductor SPT7610 Datasheet HTML 7Page - Fairchild Semiconductor SPT7610 Datasheet HTML 8Page - Fairchild Semiconductor SPT7610 Datasheet HTML 9Page - Fairchild Semiconductor SPT7610 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
1/21/02
SPT7610
TYPICAL INTERFACE CIRCUIT
The typical interface circuit is shown in figure 3. External
reference taps are provided for correcting integral
nonlinearity errors. These taps can be actively driven to
reduce these errors. (See the Reference Inputs discus-
sion below.) The SPT7610 evaluation board application
note contains more details on interfacing the SPT7610.
The function of each pin and external connections to other
components is as follows:
POWER SUPPLY PINS: AVEE, AGND, DGND
AVEE is the supply pin with AGND as ground for the de-
vice. The AVEE power supply pin should be bypassed as
close to the device as possible with a 10 µF tantalum ca-
pacitor, in parallel with 100 pF and .01 µF chip capacitors.
Place the 100 pF chip capacitor closest to the SPT7610.
Digital ground (DGND) is the ground for the ECL outputs
and is to be referenced to the output pulldown voltage and
appropriately bypassed as shown in figure 3.
ANALOG INPUT: VIN
There are two analog input pins that are tied to the same
point internally. Either one may be used as an analog input
sense and the other for input force. This is convenient for
testing the source signal to see if there is sufficient drive
capability. The pins can also be tied together and driven by
the same source. The SPT7610 is superior to similar de-
vices due to a preamplifier stage before the comparators.
This makes the device easier to drive because it has con-
stant capacitance and induces less slew rate distortion.
CLOCK INPUTS: CLK, NCLK
The clock inputs are designed to be driven differentially
with ECL levels. The duty cycle of the clock should be kept
at 50% to avoid causing larger second harmonics. If this is
not important to the intended application, then duty cycles
other than 50% may be used.
Figure 3 – Typical Interface Circuit
VIN
VIN
VRTF
VRTS
*
U1
+
*
U1
–5.2 V
2N2907
VRBS
VRBF
50 W
VIN
–2.0 V
Reference
Convert
–2 V
Pulldown
(Analog)
CLK
NCLK
VRM
R
R
–5.2 V
*
FB = Ferrite bead
U1 = TLV2464 or equivalent with low offset/noise.
R = 1 kW; 0.05% matched or better
= AGND
= DGND
U2 = Motorola ECLinPS Lite, MC10EL16, differential receiver.
* = 2.2 µF Tantalum Capacitor, 0.1 µF and 100 pF chip capacitors.
** = Care must be taken to avoid exceeding the maximum rating
for the input, especially during power up sequencing of the
analog input driver.
U2
DRB (DATA READY)
DRB (DATA READY)
DRA (DATA READY)
DRA (DATA READY)
DRB
DRA
DRB
DRA
**
FB
*
VR3
*
VR1
D6B (OVR)
D5B (MSB)
D4B
D3B
D2B
D1B
D0B (LSB)
–2.0 V
Pulldown
(Digital)
.1 µF
D6A (OVR)
D5A (MSB)
D4A
D3A
D2A
D1A
D0A (LSB)
Test
LINV
MINV
–5.2 V
–5.2 V
–5.2 V
SPT7610
50 W
–5.2 V
22 W
22 W
50 W


Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com