Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7610 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button SPT7610 Datasheet HTML 2Page - Fairchild Semiconductor SPT7610 Datasheet HTML 3Page - Fairchild Semiconductor SPT7610 Datasheet HTML 4Page - Fairchild Semiconductor SPT7610 Datasheet HTML 5Page - Fairchild Semiconductor SPT7610 Datasheet HTML 6Page - Fairchild Semiconductor SPT7610 Datasheet HTML 7Page - Fairchild Semiconductor SPT7610 Datasheet HTML 8Page - Fairchild Semiconductor SPT7610 Datasheet HTML 9Page - Fairchild Semiconductor SPT7610 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
1/21/02
SPT7610
SUBCIRCUIT SCHEMATICS
Figure 3A – Input Circuit
Figure 3B – Output Circuit
Figure 3C – Clock Input
Data Out
AGND
DGND
AGND
AVEE
VIN
Vr
AGND
AVEE
CLK
CLK
THERMAL MANAGEMENT
Adequate heat sinking and air flow must be provided to
keep the die temperature below +150 °C. This device is
packaged with the cavity up (the die is on the bottom of
the package). Therefore, Fairchild recommends that the
device be heat sinked by contacting the bottom of the
package through a hole in the circuit board.
The thermal coefficients of the SPT7610 (44L cerquad)
are as follows:
θja = +78 °C/W (junction to ambient in
still air with no heat sink)
θjc = +4 °C/W (junction to case)


Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ CADEKA-SPT7610SIQ Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
   6-bit 140MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com