Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM1440 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM1440
Description  Micropower Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM1440 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM1440 Datasheet HTML 2Page - Analog Devices ADUM1440 Datasheet HTML 3Page - Analog Devices ADUM1440 Datasheet HTML 4Page - Analog Devices ADUM1440 Datasheet HTML 5Page - Analog Devices ADUM1440 Datasheet HTML 6Page - Analog Devices ADUM1440 Datasheet HTML 7Page - Analog Devices ADUM1440 Datasheet HTML 8Page - Analog Devices ADUM1440 Datasheet HTML 9Page - Analog Devices ADUM1440 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADuM1440/ADuM1441/ADuM1442/ADuM1445/ADuM1446/ADuM1447
Data Sheet
Table 6. For All Models
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC SPECIFICATIONS
Input Threshold
Logic High
VIH
0.7 VDDx1
V
Logic Low
VIL
0.3 VDDx1
V
Output Voltages
Logic High
VOH
VDDx1 − 0.1
2.5
V
IOx = −20 µA, VIx = VIxH
VDDx1 − 0.4
2.35
V
IOx = −4 mA, VIx = VIxH
Logic Low
VOL
0.0
0.1
V
IOx = 20 µA, VIx = VIxL
0.1
0.4
V
IOx = 4 mA, VIx = VIxL
Input Current per Channel
II
−1
+0.01
+1
µA
0 V ≤ VIx≤ VDDx1
Input Switching Thresholds
Positive Threshold Voltage
VT+
1.5
V
Negative Going Threshold
VT−
1.0
V
Input Hysteresis
ΔVT
0.5
V
Undervoltage Lockout, VDD1 or VDD2
UVLO
1.5
V
Supply Current per Channel
Quiescent Current
Input Supply
IDDI (Q)
2.6
3.3
µA
ENX low
Output Supply
IDDO (Q)
0.5
1.8
µA
ENX low
Input (Refresh Off)
IDDI (Q)
0.05
µA
ENX high
Output (Refresh Off)
IDDO (Q)
0.05
µA
ENX high
Dynamic Supply Current
Input
IDDI (D)
76
µA/Mbps
Output
IDDO (D)
41
µA/Mbps
AC SPECIFICATIONS
Output Rise Time/Fall Time
tR/tF
2
ns
10% to 90%
Common-Mode Transient Immunity2
|CM|
25
40
kV/µs
VIx = VDDx1, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
14
kbps
1
VDDx = VDD1 or VDD2.
2 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VOUT > 0.8 VDDx. The common-mode voltage slew rates apply to both rising and
falling common-mode voltage edges.
Rev. 0 | Page 6 of 24


Similar Part No. - ADUM1440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1440 AD-ADUM1440 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1440ARQZ AD-ADUM1440ARQZ Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1440ARSZ AD-ADUM1440ARSZ Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
More results

Similar Description - ADUM1440

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com