Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIWC75-1R0 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIWC75-1R0
Description  Mechanical dimensions
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIWC75-1R0 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIWC75-1R0 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DELTA P/N : SIWC75 Series
Mechanical dimensions
Electrical Characteristics @25
100KHz, 0.1V
Delta P/N
L
1
(uH)
DCR
(m ) MAX
Irated
2
(Adc)
SIWC75-1R0
1.0
20
2.8
SIWC75-1R5
1.5
24
2.6
SIWC75-2R2
2.2
28
2.4
SIWC75-3R3
3.3
34
2.2
SIWC75-4R7
4.7
39
2.0
SIWC75-6R8
6.8
50
1.8
SIWC75-100
10
55
1.7
SIWC75-120
12
73
1.5
SIWC75-150
15
81
1.4
SIWC75-180
18
102
1.2
SIWC75-220
22
115
1.1
SIWC75-270
27
159
1.0
SIWC75-330
33
182
0.85
SIWC75-390
39
199
0.8
SIWC75-470
47
221
0.75
SIWC75-560
56
306
0.65
SIWC75-680
68
345
0.6
SIWC75-820
82
390
0.57
SIWC75-101
100
432
0.5
SIWC75-121
120
440
0.47
SIWC75-151
150
730
0.4
SIWC75-181
180
780
0.39
SIWC75-221
220
940
0.33
SIWC75-271
270
1250
0.31
SIWC75-331
330
1400
0.27
SIWC75-391
390
1520
0.27
SIWC75-471
470
1700
0.25
SIWC75-561
560
2390
0.23
1.
Tolerance of inductance : ± 20%
2.
Irated is the DC current which cause the inductance drop 10% typical of it’s nominal inductance without current and
the surface temperature of the part increase less than 45 ℃.
3.
Operating temperature:
-40℃ to
105℃ (Self-temperature rise included).
Dimensions (Unit : mm)
A
7.6 MAX
B
7.6 MAX
C
5.2 MAX
D
5.3
E
1.0
F
2.0
G
4.4
H
2.0
I
3.0


Similar Part No. - SIWC75-1R0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIWC73 DELTA-SIWC73 Datasheet
33Kb / 1P
   Electrical Characteristics 25 C 100KHz, 0.1V
SIWC73-100 DELTA-SIWC73-100 Datasheet
33Kb / 1P
   Electrical Characteristics 25 C 100KHz, 0.1V
SIWC73-101 DELTA-SIWC73-101 Datasheet
33Kb / 1P
   Electrical Characteristics 25 C 100KHz, 0.1V
SIWC73-120 DELTA-SIWC73-120 Datasheet
33Kb / 1P
   Electrical Characteristics 25 C 100KHz, 0.1V
SIWC73-150 DELTA-SIWC73-150 Datasheet
33Kb / 1P
   Electrical Characteristics 25 C 100KHz, 0.1V
More results

Similar Description - SIWC75-1R0

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCB1175-121 DELTA-HCB1175-121 Datasheet
55Kb / 1P
   Mechanical dimensions
HCB1275-231 DELTA-HCB1275-231 Datasheet
24Kb / 1P
   Mechanical dimensions
HCB106480N-101 DELTA-HCB106480N-101 Datasheet
132Kb / 2P
   Mechanical dimensions
HCB117555-121 DELTA-HCB117555-121 Datasheet
53Kb / 1P
   Mechanical dimensions
HCB118050-221 DELTA-HCB118050-221 Datasheet
53Kb / 1P
   Mechanical dimensions
HCB137590-231 DELTA-HCB137590-231 Datasheet
54Kb / 1P
   Mechanical dimensions
HMS0864B DELTA-HMS0864B Datasheet
57Kb / 1P
   Mechanical dimensions
MPT1030-R24H1 DELTA-MPT1030-R24H1 Datasheet
53Kb / 1P
   Mechanical dimensions
PCMB177T-1R5MS DELTA-PCMB177T-1R5MS Datasheet
52Kb / 1P
   Mechanical dimensions
HCB0740-850 DELTA-HCB0740-850 Datasheet
24Kb / 1P
   Mechanical dimensions
HCB1050-800L1 DELTA-HCB1050-800L1 Datasheet
26Kb / 1P
   Mechanical dimensions
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com