Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuM1446ARQZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADuM1446ARQZ
Description  Micropower Quad-Channel Digital Isolators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM1446ARQZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADuM1446ARQZ Datasheet HTML 4Page - Analog Devices ADuM1446ARQZ Datasheet HTML 5Page - Analog Devices ADuM1446ARQZ Datasheet HTML 6Page - Analog Devices ADuM1446ARQZ Datasheet HTML 7Page - Analog Devices ADuM1446ARQZ Datasheet HTML 8Page - Analog Devices ADuM1446ARQZ Datasheet HTML 9Page - Analog Devices ADuM1446ARQZ Datasheet HTML 10Page - Analog Devices ADuM1446ARQZ Datasheet HTML 11Page - Analog Devices ADuM1446ARQZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADuM1440/ADuM1441/ADuM1442/ADuM1445/ADuM1446/ADuM1447
Data Sheet
ELECTRICAL CHARACTERISTICS—VDD1 = 2.5 V, VDD2 = 3.3 V OPERATION
All typical specifications are at TA = 25°C, VDD1 = 2.5, and VDD2 = 3.3 V.Minimum/maximum specifications apply over the entire
recommended operating range of 2.25 V ≤ VDD1 ≤ 2.75 V, 3.0 V ≤ VDD2 ≤ 3.6 V, and −40°C ≤ TA ≤ +125°C, unless otherwise noted.
Switching specifications are tested with CL = 15 pF, and CMOS signal levels, unless otherwise noted.
For dc specifications and ac specifications, see Table 6 for Side 1 and see Table 3 for Side 2.
Table 9.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SWITCHING SPECIFICATIONS
Data Rate
2
Mbps
Within PWD limit
Propagation Delay
Side 1 to Side 2
tPHL, tPLH
120
180
ns
50% input to 50% output
Side 2 to Side 1
tPHL, tPLH
84
180
ns
50% input to 50% output
Change vs. Temperature
200
ps/°C
Pulse-Width Distortion
PWD
12
ns
|tPLH − tPHL|
Pulse Width
PW
500
ns
Within PWD limit
Propagation Delay Skew1
tPSK
10
ns
Channel Matching
Codirectional
tPSKCD
10
ns
Opposing Direction
tPSKOD
60
ns
1 tPSK is the magnitude of the worst-case difference in tPHL or tPLH that is measured between units at the same operating temperature, supply voltages, and output load within the
recommended operating conditions.
Table 10.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY CURRENT
2 Mbps, no load
ADuM1440/ADuM1445
IDD1
623
1000
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
IDD2
492
750
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
ADuM1441/ADuM1446
IDD1
552
750
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
IDD2
552
900
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
ADuM1442/ADuM1447
IDD1
480
750
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
IDD2
612
900
µA
ENX = 0 V, VIH = VDD, VIL = 0 V
Rev. 0 | Page 8 of 24


Similar Part No. - ADuM1446ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1446ARQZ AD-ADUM1446ARQZ Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
More results

Similar Description - ADuM1446ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1440 AD-ADUM1440_V01 Datasheet
465Kb / 25P
   Micropower Quad-Channel Digital Isolators
Rev. E
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
   Micropower, Dual-Channel Digital Isolators
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
   Micropower, Dual-Channel Digital Isolators
Rev. B
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com