Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

91U2D-C16-A Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 91U2D-C16-A
Description  91, 92, 93, 94, 95, 96, 99 - 5/8 ??Square Single-Turn Panel Control 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

91U2D-C16-A Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  91U2D-C16-A Datasheet HTML 1Page - Bourns Electronic Solutions 91U2D-C16-A Datasheet HTML 2Page - Bourns Electronic Solutions 91U2D-C16-A Datasheet HTML 3Page - Bourns Electronic Solutions 91U2D-C16-A Datasheet HTML 4Page - Bourns Electronic Solutions 91U2D-C16-A Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
SWITCH TYPE (MODEL 99 ONLY)
(R50) DPST N.O./N.C. CW Detent In-Line Term
(R51) DPST N.O./N.C. CCW Detent In-Line Term
(R52) DPST N.O./N.O. CW Detent In-Line Term
(R53) DPST N.O./N.O. CCW Detent In-Line Term
(R54) DPST N.C./N.C. CW Detent In-Line Term
(R55) DPST N.C./N.C. CCW Detent In-Line Term
(R56) DPST N.O./N.C. CW Detent Horz Term
(R57) DPST N.O./N.C. CCW Detent Horz Term
(R58) DPST N.O./N.O. CW Detent Horz Term
(R59) DPST N.O./N.O. CCW Detent Horz Term
(R60) DPST N.C./N.C. CW Detent Horz Term
(R61) DPST N.C./N.C. CCW Detent Horz Term
(R70) DPDT CW Detent In-Line Term
(R71) DPDT CCW Detent In-Line Term
(R72) DPDT CW Detent Horz Term
(R73) DPDT CCW Detent Horz Term
ANTI-ROTATION LUG
A
Single .305 ” (7.8 mm) R,
90 °CW
C
Single .305 ” (7.8 mm) R,
270 °CW
D
No Lug
# SECTIONS
APPLICABLE MODELS
1
Single
Models 91 Thru 96 Only
2
Dual
All Models, 2nd Section is
a Switch in Model 99
AVAILABLE ONLY IN
SHAFT TYPE
LENGTHS
BUSHINGS
(CODE)
(CODE)
B Single Slotted 1/4 ” (6.35 mm) D 16,20,24,28
A, D
C Single Flatted 1/4 ” (6.35 mm) D 24,28
A, D
D Single Plain 1/8 ” (3.18 mm) D
16,20,24
C
R Single Slotted 6 mm D
Metric 16,19,22
R
T Single Slotted 4 mm D
Metric 16,19,22
U
W Single Knurled 1/4 ” (6.35 mm) D
32
A, D
ELEMENT TYPE
RESISTANCE CODE
TAPER/TOLERANCE
VALUE IN OHMS
(A) Linear Cermet ±10 %
(05) - 100
(30) - 15 K
(H) Linear Cermet ±5 %
(28) -150
(16) - 20 K
(06) - 200
(17) - 25 K
(07) - 250
(18) - 50 K
(08) - 500
(19) - 75 K
(09) - 750
(20) - 100 K
(10) - 1 K
(31) - 150 K
(29) - 1.5 K (21) - 200 K
(11) - 2 K
(22) - 250 K
(12) - 2.5 K (23) - 500 K
(13) - 5 K
(24) - 750 K
(14) - 7.5 K (25) - 1 M
(15) - 10 K
(B) Linear C-P ±20 %
(10) - 1 K
(18) - 50 K
(E)
Linear C-P ±10 %
(12) - 2.5 K (20) - 100 K
(13) - 5 K
(22) - 250 K
(15) - 10 K
(23) - 500 K
(16) - 20 K
(25) - 1 M
(17) - 25 K
(C) CW Audio Cermet ±10 %
(10) - 1 K
(18) - 50 K
(D) CW Audio C-P ±20 %
(12) - 2.5 K (20) - 100 K
(F)
CCW Audio Cermet ±10 %
(13) - 5 K
(22) - 250 K
(G) CCW Audio C-P ±20 %
(15) - 10 K
(23) - 500 K
(S)
CW Audio C-P ±10 %
(17) - 25 K
(25) - 1 M
(T)
CCW Audio C-P ±10 %
SHAFT
AVAILABLE
LENGTH
ONLY IN
(FMS)
BUSHING
Code Description
Code
16
1/2 ”L
A, C, D
20
5/8 ”L
A, C, D
24
3/4 ”L
A, C, D
28
7/8 ”L
A, D
32
1 ”L
A, D
METRIC
12
12 mmL
U
16
16 mmL
R, U
19
19 mmL
R
22
22 mmL
R, U
BUSHING
A
Metal Plain 3/8 ” (9.53 mm) D x 3/8 ” (9.53 mm) L
C Metal Plain 1/4 ” (6.35 mm) D x 1/4 ” (6.35 mm) L
D Plastic Unthreaded 3/8 ” (9.53 mm) D
x 3/8 ” (9.53 mm) D
R Metal Plain 10 mm D x 9 mm L
U Metal Plain 7 mm D x 9 mm L
MODEL
91 Single-Turn, In-Line PC Pins
92 Single-Turn, In-Line J-Hooks
93 Single-Turn, L-Pattern PC Pins
94 Single-Turn, L-Pattern J-Hooks
95 Single-Turn, Triangle-Pattern Solder Lugs
96 Single-Turn, In-Line PC Pins, Sealed
99 Single-Turn, Triangle-Pattern
Solder Lugs w/Switch
How to Order 90 Series Panel Controls
Boldface features are Bourns standard options.
All others are available with higher minimum order quantities.
REV. 11/04
91
A
2
A
-
B
28
-
A
15
R51
(Optional)
99
A
2
A
-
B
28
-
A
15
/


Similar Part No. - 91U2D-C16-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91U2A-A28-A15 BOURNS-91U2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
More results

Similar Description - 91U2D-C16-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
91A2A BOURNS-91A2A Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control 97, 99 - 5/8 ??Square Single-Turn Panel Control with Rotary Switch
91C1A-D24-B10 BOURNS-91C1A-D24-B10 Datasheet
345Kb / 6P
   91, 92, 93, 94, 95, 96 - 5/8 ??Square Single-Turn Panel Control
93R1A-R22-A12L BOURNS-93R1A-R22-A12L Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
93A1A-B28-A15 BOURNS-93A1A-B28-A15 Datasheet
352Kb / 6P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control
91A2A-A28-A15 BOURNS-91A2A-A28-A15 Datasheet
315Kb / 5P
   Model 91, 92, 93, 94 & 95 - 5/8 ??Square Single-Turn Panel Control Metal or plastic shaft options
96A1A-A28-A15L BOURNS-96A1A-A28-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
96R1A-R16-A15L BOURNS-96R1A-R16-A15L Datasheet
269Kb / 4P
   Model 96 - 5/8 ??Square Sealed Single-Turn Panel Control
81A2A-B28-A15 BOURNS-81A2A-B28-A15 Datasheet
401Kb / 6P
   Square Single-Turn Panel Control
PCW1J-B24 BOURNS-PCW1J-B24 Datasheet
316Kb / 4P
   PC - Slimline22 mm Square Single Turn Panel Control
PCW1J-B24-BAB103L BOURNS-PCW1J-B24-BAB103L Datasheet
324Kb / 4P
   PC - Slimline 22 mm Square Single Turn Panel Control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com