Electronic Components Datasheet Search |
|
EPF10K100A Datasheet(PDF) 5 Page - Altera Corporation |
|
EPF10K100A Datasheet(HTML) 5 Page - Altera Corporation |
5 / 128 page Altera Corporation 5 FLEX 10K Embedded Programmable Logic Device Family Data Sheet Notes to tables: (1) FLEX 10K and FLEX 10KA device package types include plastic J-lead chip carrier (PLCC), thin quad flat pack (TQFP), plastic quad flat pack (PQFP), power quad flat pack (RQFP), ball-grid array (BGA), pin-grid array (PGA), and FineLine BGATM packages. (2) This option is supported with a 256-pin FineLine BGA package. By using SameFrame pin migration, all FineLine BGA packages are pin compatible. For example, a board can be designed to support both 256-pin and 484-pin FineLine BGA packages. The Altera software automatically avoids conflicting pins when future migration is set. General Description Altera’s FLEX 10K devices are the industry’s first embedded PLDs. Based on reconfigurable CMOS SRAM elements, the Flexible Logic Element MatriX (FLEX) architecture incorporates all features necessary to implement common gate array megafunctions. With up to 250,000 gates, the FLEX 10K family provides the density, speed, and features to integrate entire systems, including multiple 32-bit buses, into a single device. FLEX 10K devices are reconfigurable, which allows 100 % testing prior to shipment. As a result, the designer is not required to generate test vectors for fault coverage purposes. Additionally, the designer does not need to manage inventories of different ASIC designs; FLEX 10K devices can be configured on the board for the specific functionality required. Table 6 shows FLEX 10K performance for some common designs. All performance values were obtained with Synopsys DesignWare or LPM functions. No special design technique was required to implement the applications; the designer simply inferred or instantiated a function in a Verilog HDL, VHDL, Altera Hardware Description Language (AHDL), or schematic design file. Notes: (1) The speed grade of this application is limited because of clock high and low specifications. (2) This application uses combinatorial inputs and outputs. (3) This application uses registered inputs and outputs. Table 6. FLEX 10K & FLEX 10KA Performance Application Resources Used Performance Units LEs EABs -1 Speed Grade -2 Speed Grade -3 Speed Grade -4 Speed Grade 16-bit loadable counter (1) 16 0 204 166 125 95 MHz 16-bit accumulator (1) 16 0 204 166 125 95 MHz 16-to-1 multiplexer (2) 10 0 4.2 5.8 6.0 7.0 ns 256 × 8 RAM read cycle speed (3) 0 1 172 145 108 84 MHz 256 × 8 RAM write cycle speed (3) 01 106 89 68 63 MHz |
Similar Part No. - EPF10K100A |
|
Similar Description - EPF10K100A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |