Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMCJ10CA Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SMCJ10CA
Description  DEVICES FOR BIPOLAR APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SMCJ10CA Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SMCJ10CA Datasheet HTML 1Page - Fairchild Semiconductor SMCJ10CA Datasheet HTML 2Page - Fairchild Semiconductor SMCJ10CA Datasheet HTML 3Page - Fairchild Semiconductor SMCJ10CA Datasheet HTML 4Page - Fairchild Semiconductor SMCJ10CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMCJ5.0(C)A-SMCJ170(C)A, Rev. B1
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Part
Marking
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT (mA)
Max Clamping
Voltage @IPPM
VC (V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR (uA)*
SMCJ5.0(C)A
GDE(BDE)
5.0
6.40
7.0
10
9.2
163.0
1000
SMCJ6.0(C)A
GDG(BDG)
6.0
6.67
7.37
10
10.3
145.6
1000
SMCJ6.5(C)A
GDK(BDK)
6.5
7.22
7.98
10
11.2
133.9
500
SMCJ7.0(C)A
GDM(BDM)
7.0
7.78
8.60
10
12.0
125.0
200
SMCJ7.5(C)A
GDP(BDP)
7.5
8.33
9.21
1
12.9
116.3
100
SMCJ8.0(C)A
GDR(BDR)
8.0
8.89
9.83
1
13.6
110.3
50
SMCJ8.5(C)A
GDT(BDT)
8.5
9.44
10.4
1
14.4
104.2
20
SMCJ9.0(C)A
GDV(BDV)
9.0
10.0
11.1
1
15.4
97.4
10
SMCJ10(C)A
GDX(BDX)
10
11.1
12.3
1
17.0
88.2
5
SMCJ11(C)A
GDZ(BDZ)
11
12.2
13.5
1
18.2
82.4
5
SMCJ12(C)A
GEE(BEE)
12
13.3
14.7
1
19.9
75.3
5
SMCJ13(C)A
GEG(BEG)
13
14.4
15.9
1
21.5
69.8
5
SMCJ14(C)A
GEK(BEK)
14
15.6
17.2
1
23.2
64.7
5
SMCJ15(C)A
GEM(BEM)
15
16.7
18.5
1
24.4
61.5
5
SMCJ16(C)A
GEP(BEP)
16
17.8
19.7
1
26.0
57.7
5
SMCJ17(C)A
GER(BER)
17
18.9
20.9
1
27.6
54.3
5
SMCJ18(C)A
GET(BET)
18
20.0
22.1
1
29.2
51.4
5
SMCJ20(C)A
GEV(BEV)
20
22.2
24.5
1
32.4
46.3
5
SMCJ22(C)A
GEX(BEX)
22
24.4
26.9
1
35.5
42.3
5
SMCJ24(C)A
GEZ(BEZ)
24
26.7
29.5
1
38.9
38.6
5
SMCJ26(C)A
GFE(BFE)
26
28.9
31.9
1
42.1
35.6
5
SMCJ28(C)A
GFG(BFG)
28
31.1
34.4
1
45.4
33.0
5
SMCJ30(C)A
GFK(BFK)
30
33.3
36.8
1
48.4
31.0
5
SMCJ33(C)A
GFM(BFM)
33
36.7
40.6
1
53.3
28.1
5
SMCJ36(C)A
GFP(BFP)
36
40.0
44.2
1
58.1
25.8
5
SMCJ40(C)A
GFR(BFR)
40
44.4
49.1
1
64.5
23.3
5
SMCJ43(C)A
GFT(BFT)
43
47.8
52.8
1
69.4
21.6
5
SMCJ45(C)A
GFV(BFV)
45
50.0
55.3
1
72.7
20.6
5
SMCJ48(C)A
GFX(BFX)
48
53.3
58.9
1
77.4
19.4
5
SMCJ51(C)A
GFZ(BFZ)
51
56.7
62.7
1
82.4
18.2
5
SMCJ54(C)A
GGE(BGE)
54
60.0
66.3
1
87.1
17.2
5
SMCJ58(C)A
GGG(BGG)
58
64.4
71.2
1
93.6
16.0
5
SMCJ60(C)A
GGK(BGK)
60
66.7
73.7
1
96.8
15.5
5
SMCJ64(C)A
GGM(BGM)
64
71.1
78.6
1
103.0
14.6
5
SMCJ70(C)A
GGP(BGP)
70
77.8
86.0
1
113.0
13.3
5
SMCJ75(C)A
GGR(BGR)
75
83.3
92.1
1
121.0
12.4
5
SMCJ78(C)A
GGT(BGT)
78
86.7
95.8
1
126.0
11.9
5
SMCJ85(C)A
GGV(BGV)
85
94.4
104.0
1
137.0
10.9
5
SMCJ90(C)A
GGX(BGX)
90
100.0
111.1
1
146.0
10.3
5
SMCJ100(C)A
GGZ(BGZ)
100
111.0
123.0
1
162.0
9.3
5
SMCJ110(C)A
GHE(BHE)
110
122.0
135.0
1
177.0
8.5
5
SMCJ120(C)A
GHG(BHG)
120
133.0
147.0
1
193.0
7.8
5
SMCJ130(C)A
GHK(BHK)
130
144.0
159.0
1
209.0
7.2
5
SMCJ150(C)A
GHM(BHM)
150
167.0
185.0
1
243.0
6.2
5
SMCJ160(C)A
GHP(BHP)
160
178.0
197.0
1
259.0
5.8
5
SMCJ170(C)A
GHR(BHR)
170
189.0
209.0
1
275.0
5.5
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Similar Part No. - SMCJ10CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ10CA BYTES-SMCJ10CA Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
SMCJ10CA MCC-SMCJ10CA Datasheet
249Kb / 5P
   Transient Voltage Suppressor 5.0 to 440 Volts 1500 Watt
logo
Microdiode Electronics ...
SMCJ10CA CHENDA-SMCJ10CA Datasheet
1Mb / 5P
   TRANSIENT VTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
SMCJ10CA SECOS-SMCJ10CA Datasheet
430Kb / 4P
   1500W Peak Power Surface Mount TVS
logo
Guangdong Youtai Semico...
SMCJ10CA UMW-SMCJ10CA Datasheet
659Kb / 4P
   5V-188V 1500W
More results

Similar Description - SMCJ10CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SMBJ5V0 FAIRCHILD-SMBJ5V0 Datasheet
121Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
SA50 FAIRCHILD-SA50 Datasheet
56Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
Seme LAB
BFY81DCSM SEME-LAB-BFY81DCSM Datasheet
19Kb / 1P
   Dual Bipolar NPN Devices.
2N3501DCSM SEME-LAB-2N3501DCSM Datasheet
27Kb / 2P
   DUAL BIPOLAR NPN DEVICES
logo
Unisonic Technologies
MJE13007-P UTC-MJE13007-P_15 Datasheet
265Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13009-Q UTC-MJE13009-Q Datasheet
257Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
MJE13007-Q UTC-MJE13007-Q_15 Datasheet
266Kb / 4P
   NPN BIPOLAR POWER TRANSISTOR FOR SWITCHING APPLICATIONS
logo
STMicroelectronics
AN4160 STMICROELECTRONICS-AN4160 Datasheet
423Kb / 14P
   TVS devices for power line communication applications
logo
Seme LAB
2N918DCSM SEME-LAB-2N918DCSM Datasheet
15Kb / 1P
   Dual Bipolar NPN Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
2N869AXDCSM SEME-LAB-2N869AXDCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed LCC2 Ceramic Surface Mount Package for High Reliability Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com