Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7710BIG Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # SPT7710BIG
Description  8-BIT, 150 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7710BIG Datasheet(HTML) 1 Page - Fairchild Semiconductor

  SPT7710BIG Datasheet HTML 1Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 2Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 3Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 4Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 5Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 6Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 7Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 8Page - Fairchild Semiconductor SPT7710BIG Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SPT7710
8-BIT, 150 MSPS, FLASH A/D CONVERTER
TECHNICAL DATA
AUGUST 17, 2001
FEATURES
• Metastable errors reduced to 1 LSB
• Low input capacitance: 10 pF
• Wide input bandwidth: 210 MHz
• 150 MSPS conversion rate
• Typical power dissipation: 2.2 watts
APPLICATIONS
• Digital oscilloscopes
• Transient capture
• Radar, EW, ECM
• Direct RF down-conversion
• Medical electronics: ultrasound, CAT instrumentation
GENERAL DESCRIPTION
The SPT7710 is a monolithic flash A/D converter capable
of digitizing a two volt analog input signal into 8-bit digital
words at a 150 MSPS (typ) update rate.
For most applications, no external sample-and-hold is re-
quired for accurate conversion due to the device’s narrow
aperture time, wide bandwidth, and low input capacitance.
A single standard –5.2 volt power supply is required for
operation of the SPT7710, with nominal power dissipation
of 2.2 W. A proprietary decoding scheme reduces meta-
stable errors to the 1 LSB level.
The SPT7710 is available in 42-lead ceramic sidebrazed
DIP, surface-mount 44-lead cerquad and 46-lead PGA
packages; the cerquad and PGA packages allow access
to additional reference ladder taps, an overrange bit, and a
data ready output. The SPT7710 is available in the indus-
trial temperature range.
256
255
152
151
128
127
64
63
2
1
256 to
8-Bit
Encoder
ECL
Latches
and
Buffers
AGND
Analog Input
(Sense or Force)
VEE
CLK
CLK
VRBF
Convert
VRBS
VR1
VR3
VRTS
VRTF
VR2
2
Analog Input
(Force or Sense) AGND DGND
VEE
LINV MINV
DRINV
DREAD
Overrange
D7 MSB
D6
D5
D4
D3
D2
D1
D0 LSB
MSB D7
D6
D5
D4
D3
D2
D1
LSB D0
These functions are
available in the PGA and
cerquad packages only.
Clock
Buffer
Preamp
Comparator
BLOCK DIAGRAM


Similar Part No. - SPT7710BIG

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7710BIG CADEKA-SPT7710BIG Datasheet
224Kb / 12P
   8-BIT, 150 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7710BIG

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7710 CADEKA-SPT7710 Datasheet
224Kb / 12P
   8-BIT, 150 MSPS, FLASH A/D CONVERTER
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com