Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMU01020E5103BB700 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MMU01020E5103BB700
Description  Precision MELF Resistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020E5103BB700 Datasheet(HTML) 2 Page - Vishay Siliconix

  MMU01020E5103BB700 Datasheet HTML 1Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 2Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 3Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 4Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 5Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 6Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 7Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 8Page - Vishay Siliconix MMU01020E5103BB700 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MMU 0102, MMA 0204, MMB 0207 - Precision
Precision MELF Resistors
Vishay Beyschlag
Document Number: 28714
For technical questions contact: ff3bresistors@vishay.com
www.vishay.com
Revision: 18-Jul-06
35
12NC INFORMATION
• The resistors have a 12-digit numeric code starting with
2312.
• The subsequent 4 digits indicate the resistor type,
specification and packaging; see the 12NC table.
• The remaining 4 digits indicate the resistance value:
- The first 3 digits indicate the resistance value.
- The last digit indicates the resistance decade in
accordance with the 12NC Indicating Resistance Decade
table.
Last Digit of 12NC Indicating Resistance Decade
12NC Example
The 12NC of a MMA 0204 resistor, value 47 k
Ω and TC 25
with ± 0.1 % tolerance, supplied in blister tape of 3000 units
per reel is: 2312 156 74703.
Resistance ranges printed in bold are preferred TCR/tolerance combinations with optimized availability.
RESISTANCE DECADE
LAST DIGIT
10
Ω to 99.9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9.99 kΩ
2
10 k
Ω to 99.9 kΩ
3
100 k
Ω to 999 kΩ
4
1 M
Ω to 9.99 MΩ
5
12NC - resistor type and packaging
DESCRIPTION
ORDERING CODE 2312 ... .....
BLISTER TAPE ON REEL
BULK CASE
TYPE
TCR
TOL.
B1
1000 units
BL
3000 units
B0
10 000 units
M8
8000 units
MMU 0102
± 25 ppm/K
± 0.25 %
171 6....
166 6....
176 6....
061 6....
± 0.1 %
171 7....
166 7....
176 7....
061 7....
± 15 ppm/K
± 0.5 %
172 5....
167 5....
177 5....
062 5....
± 0.25 %
172 6....
167 6....
177 6....
062 6....
± 0.1 %
172 7....
167 7....
177 7....
062 7....
TYPE
TCR
TOL.
B1
1000 units
BL
3000 units
B0
10 000 units
M3
3000 units
MMA 0204
± 25 ppm/K
± 0.25 %
141 6....
156 6....
146 6....
041 6....
± 0.1 %
141 7....
156 7....
146 7....
041 7....
± 15 ppm/K
± 0.5 %
142 5....
157 5....
147 5....
042 5....
± 0.25 %
142 6....
157 6....
147 6....
042 6....
± 0.1 %
142 7....
157 7....
147 7....
042 7....
TYPE
TCR
TOL.
B1
1000 units
B2
2000 units
B7
7000 units
MMB 0207
± 25 ppm/K
± 0.25 %
181 6....
196 6....
186 6....
± 0.1 %
181 7....
196 7....
186 7....
± 15 ppm/K
± 0.1 %
182 7....
197 7....
187 7....


Similar Part No. - MMU01020E5103BB700

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMU01020B0000DB000 VISHAY-MMU01020B0000DB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB200 VISHAY-MMU01020B0000DB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000DB300 VISHAY-MMU01020B0000DB300 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB000 VISHAY-MMU01020B0000FB000 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
MMU01020B0000FB200 VISHAY-MMU01020B0000FB200 Datasheet
235Kb / 13P
   Professional MELF Resistors
Revision: 05-Mar-12
More results

Similar Description - MMU01020E5103BB700

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
Vishay Siliconix
MMB0207 VISHAY-MMB0207 Datasheet
188Kb / 13P
   Precision Thin Film MELF Resistors
01-Jan-2022
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B_Q WALSIN-WM07B_Q Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXB_Q WALSIN-WMXXB_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
WMXXD_Q WALSIN-WMXXD_Q Datasheet
2Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Vishay Siliconix
UMA0204 VISHAY-UMA0204_V01 Datasheet
156Kb / 10P
   Ultra Precision Thin Film MELF Resistors
30-Sep-2021
logo
WALSIN TECHNOLOGY CORPO...
WMXXB WALSIN-WMXXB Datasheet
8Mb / 12P
   High Precision Thin Film MELF Resistors
logo
Token Electronics Indus...
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
WALSIN TECHNOLOGY CORPO...
WM07B WALSIN-WM07B Datasheet
1Mb / 12P
   High Precision Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com