Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7725BIJ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SPT7725BIJ
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7725BIJ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SPT7725BIJ Datasheet HTML 1Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 2Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 3Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 4Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 5Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 6Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 7Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 8Page - Fairchild Semiconductor SPT7725BIJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
8/17/01
SPT7725
ABSOLUTE MAXIMUM RATINGS (Beyond which damage may occur)1 25 °C
Note: 1. Operation at any Absolute Maximum Rating is not implied. See
Electrical Specifications for proper nominal applied conditions
in typical applications.
Supply Voltages
Negative Supply Voltage (VEE TO GND) –7.0 to +0.5 V
Ground Voltage Differential .................... –0.5 to +0.5 V
Input Voltage
Analog Input Voltage ............................... VEE to +0.5 V
Reference Input Voltage .......................... VEE to +0.5 V
Digital Input Voltage ................................ VEE to +0.5 V
Reference Current VRTF to VRBF ........................ 25 mA
Output
Digital Output Current ............................... 0 to –30 mA
Temperature
Operating Temperature,ambient ............. –25 to +85 °C
junction ...................... +150 °C
Lead Temperature, (soldering 10 seconds) ..... +300 °C
Storage Temperature ............................ –65 to +150 °C
ELECTRICAL SPECIFICATIONS
TA= TMIN to TMAX, VEE=–5.2 V, RSource=50 Ω, VRBF=–2.00 V, VR2=–1.00 V, VRTF=0.00 V, ƒCLK=250 MHz, Duty Cycle=50%, unless otherwise specified.
TEST
TEST
SPT7725A
SPT7725B
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Accuracy
Integral Linearity Error
ƒCLK = 100 kHz
VI
–0.75
±0.60
+0.75
–0.95
±0.80
+0.95
LSB
Differential Linearity Error
ƒCLK = 100 kHz
VI
–0.75
+0.75
–0.95
+0.95
LSB
No missing codes
Guaranteed
Guaranteed
Analog Input
Offset Error VRT
VI
–30
+30
–30
+30
mV
Offset Error VRB
VI
–30
+30
–30
+30
mV
Input Voltage Range
VI
–2.0
0.0
–2.0
0.0
Volts
Input Capacitance
Over full
input range
V
10
10
pF
Input Resistance
V
15
15
k
Input Current
VI
250
500
250
500
µA
Input Slew Rate
V
1,000
1,000
V/µs
Large Signal Bandwidth
VIN=F.S.
V
210
210
MHz
Small Signal Bandwidth
VIN=500 mVP-P
V
335
335
MHz
Clock Synchronous
Input Currents
V
40
40
µA
Reference Input
Ladder Resistance
VI
100
200
300
100
200
300
Reference Bandwidth
V
10
10
MHz
Timing Characteristics
Maximum Sample Rate
IV
250
300
250
300
MSPS
Clock to Data Delay
V
2.4
2.4
ns
Output Delay Tempco
V
2
2
ps/°C
CLK-to-Data Ready Delay (tD)
V
2.0
2.0
ns
Aperture Jitter
V
5
5
ps
Acquisition Time
V
1.5
1.5
ns
Dynamic Performance
Signal-to-Noise Ratio
ƒIN = 3.58 MHz
VI
45
47
44
46
dB
ƒIN = 50 MHz
VI
39
42
38
41
dB
Total Harmonic Distortion
ƒIN = 3.58 MHz
VI
–52
–48
–50
–46
dB
ƒIN = 50 MHz
VI
–43
–40
–42
–39
dB
Signal-to-Noise and Distortion
ƒIN = 3.58 MHz
VI
44
46
42
44
dB
(SINAD)
ƒIN = 50 MHz
VI
37
39
35
37
dB


Similar Part No. - SPT7725BIJ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725BIJ CADEKA-SPT7725BIJ Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7725BIJ

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725 CADEKA-SPT7725 Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com