Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7734 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7734
Description  8-BIT, 40 MSPS,175 mW A/D CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7734 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  SPT7734 Datasheet HTML 1Page - Fairchild Semiconductor SPT7734 Datasheet HTML 2Page - Fairchild Semiconductor SPT7734 Datasheet HTML 3Page - Fairchild Semiconductor SPT7734 Datasheet HTML 4Page - Fairchild Semiconductor SPT7734 Datasheet HTML 5Page - Fairchild Semiconductor SPT7734 Datasheet HTML 6Page - Fairchild Semiconductor SPT7734 Datasheet HTML 7Page - Fairchild Semiconductor SPT7734 Datasheet HTML 8Page - Fairchild Semiconductor SPT7734 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
1/27/98
SPT7734
Figure 2 - Ladder Force/Sense Circuit
AGND
VRHF
VRHS
VRLS
VRLF
VIN
1
2
3
5
6
7
+
-
All capacitors are 0.01 µF
4
N/C
Figure 3 - Simplified Reference Ladder Drive Circuit
Without Force/Sense Circuit
R/2
R
R
R
R
R
R
R/2
R=30
Ω (typ)
All capacitors are 0.01 µF
VRLF (AGND)
0.0 V
VRLS
(0.075 V)
VRHS
(+3.91 V)
90 mV
75 mV
+4.0 V
External
Reference
In cases where wider variations in offset and gain can be
tolerated, VRef can be tied directly to VRHF and AGND can be
tied directly to VRLF as shown in figure 3. Decouple force and
sense lines to AGND with a .01
µF capacitor (chip cap
preferred) to minimize high-frequency noise injection. If this
simplified configuration is used, the following considerations
should be taken into account:
The reference ladder circuit shown in figure 3 is a simplified
representation of the actual reference ladder with force and
sense taps shown. Due to the actual internal structure of the
ladder, the voltage drop from VRHF to VRHS is not equivalent
to the voltage drop from VRLF to VRLS.
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF - VRHS = 2.25 % of (VRHF - VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will equal:
VRLS - VRLF = 1.9 % of (VRHF - VRLF) (typical).
Figure 3 shows an example of expected voltage drops for a
specific case. Vref of 4.0 V is applied to VRHF and VRLF is tied
to AGND. A 90 mV drop is seen at VRHS (= 3.91 V) and a
75 mV increase is seen at VRLS (= 0.075 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from VRLS
to VRHS (typically 4.0 V) and will scale proportionally with
respect to the voltage reference. (See voltage reference
section.)
The drive requirements for the analog inputs are very minimal
when compared to most other converters due to the SPT7734's
extremely low input capacitance of only 5 pF and very high
input resistance in excess of 50 k
Ω.
The analog input should be protected through a series
resistor and diode clamping circuit as shown in figure 4.
CALIBRATION
The SPT7734 uses an auto calibration scheme to en-
sure 8-bit accuracy over time and temperature. Gain and
offset errors are continually adjusted to 8-bit accuracy during
device operation. This process is completely transparent to
the user.
Upon power-up, the SPT7734 begins its calibration algo-
rithm. In order to achieve the calibration accuracy required,
the offset and gain adjustment step size is a fraction of a 8-
bit LSB. Since the calibration algorithm is an oversampling
process, a minimum of 10,000 clock cycles are required.
This results in a minimum calibration time upon power-up
of 250
µsec (for a 40 MHz clock). Once calibrated, the
SPT7734 remains calibrated over time and temperature.
Since the calibration cycles are initiated on the rising edge of
the clock, the clock must be continuously applied for the
SPT7734 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection circuit
shown in figure 5. This circuit provides ESD robustness to
3.5 kV and prevents latch-up under severe discharge condi-
tions without degrading analog transition times.


Similar Part No. - SPT7734

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCS CADEKA-SPT7734SCS Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7734SCT CADEKA-SPT7734SCT Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
More results

Similar Description - SPT7734

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Texas Instruments
ADC08351 TI1-ADC08351 Datasheet
1Mb / 25P
[Old version datasheet]   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com