Electronic Components Datasheet Search |
|
SIG252012-4R7 Datasheet(PDF) 2 Page - Delta Electronics, Inc. |
|
SIG252012-4R7 Datasheet(HTML) 2 Page - Delta Electronics, Inc. |
2 / 4 page SPECIFICATION FOR APPROVAL DOCUMENT : SIG252012-XXX REVISION : A4 PAGE : 2 OF 11 B C A 5. Recommend Land Pattern Dimensions The customer shall determine the land dimensions shown above after confirming and safety. 6. Specifications Rdc ( mΩ) Heat Rating Current DC Amps. Idc ( A ) Saturation Current DC Amps. Isat ( A ) Part Number L0 Inductance ( µH ) @ (0A) Typical Maximum Typical Maximum Typical Maximum SIG252012-R22 0.22 31 38 3.50 3.15 4.50 4.05 SIG252012-R47 0.47 47 56 2.20 1.98 3.70 3.33 SIG252012-R50 0.50 56 67 2.15 1.93 3.50 3.15 SIG252012-R68 0.68 65 78 2.10 1.89 3.40 3.06 SIG252012-1R0 1.0 73 88 1.80 1.62 2.70 2.43 SIG252012-1R2 1.2 93 112 1.60 1.44 2.35 2.11 SIG252012-1R5 1.5 105 126 1.50 1.35 2.20 1.98 SIG252012-2R2 2.2 129 155 1.30 1.17 2.00 1.80 SIG252012-3R3 3.3 227 272 1.00 0.90 1.60 1.44 SIG252012-4R7 4.7 338 406 0.81 0.73 1.30 1.17 SIG252012-5R6 5.6 375 450 0.72 0.65 1.15 1.03 SIG252012-6R8 6.8 510 612 0.66 0.60 1.10 0.99 SIG252012-8R2 8.2 590 708 0.62 0.55 0.95 0.85 SIG252012-100 10.0 630 756 0.59 0.53 0.90 0.81 SIG252012-220 22.0 2,170 2,604 0.30 0.27 0.50 0.45 * :If you require another part number please contact with us. **:Inductance Tolerance ± 20% Note 1.: All test data is referenced to 25℃ ambient. Note 2.: Idc : DC current (A) that will cause an approximate △T of 40℃ Note 3.: Isat : DC current (A) that will cause Lo to drop approximately 30% Note 4.: Operating Temperature Range -55℃ to + 125℃ Note 5.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other cooling provision all affect the part temperature. Part temperature should be verified in the end application. Note 6.: The rated current as listed is either the saturation current or the heating current depending on which value is lower. A 2.1 B 0.8 C 2.6 Unit : mm |
Similar Part No. - SIG252012-4R7 |
|
Similar Description - SIG252012-4R7 |