Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC7524CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC7524CPWR
Description  8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC7524CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC7524CPWR Datasheet HTML 2Page - Texas Instruments TLC7524CPWR Datasheet HTML 3Page - Texas Instruments TLC7524CPWR Datasheet HTML 4Page - Texas Instruments TLC7524CPWR Datasheet HTML 5Page - Texas Instruments TLC7524CPWR Datasheet HTML 6Page - Texas Instruments TLC7524CPWR Datasheet HTML 7Page - Texas Instruments TLC7524CPWR Datasheet HTML 8Page - Texas Instruments TLC7524CPWR Datasheet HTML 9Page - Texas Instruments TLC7524CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLC7524C, TLC7524E, TLC7524I
8BIT MULTIPLYING DIGITALTOANALOG CONVERTERS
SLAS061D − SEPTEMBER 1986 − REVISED JUNE 2007
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The TLC7524C, TLC7524E, and TLC7524I are 8-bit multiplying DACs consisting of an inverted R-2R ladder,
analog switches, and data input latches. Binary-weighted currents are switched between the OUT1 and OUT2
bus lines, thus maintaining a constant current in each ladder leg independent of the switch state. The high-order
bits are decoded. These decoded bits, through a modification in the R-2R ladder, control three equally-weighted
current sources. Most applications only require the addition of an external operational amplifier and a voltage
reference.
The equivalent circuit for all digital inputs low is seen in Figure 2. With all digital inputs low, the entire reference
current, Iref, is switched to OUT2. The current source I/256 represents the constant current flowing through the
termination resistor of the R-2R ladder, while the current source IIkg represents leakage currents to the
substrate. The capacitances appearing at OUT1 and OUT2 are dependent upon the digital input code. With all
digital inputs high, the off-state switch capacitance (30pF maximum) appears at OUT2 and the on-state switch
capacitance (120pF maximum) appears at OUT1. With all digital inputs low, the situation is reversed as shown
in Figure 2. Analysis of the circuit for all digital inputs high is similar to Figure 2; however, in this case, Iref would
be switched to OUT1.
The DAC on these devices interfaces to a microprocessor through the data bus and the CS and WR control
signals. When CS and WR are both low, analog output on these devices responds to the data activity on the
DB0−DB7 data bus inputs. In this mode, the input latches are transparent and input data directly affects the
analog output. When either the CS signal or WR signal goes high, the data on the DB0−DB7 inputs are latched
until the CS and WR signals go low again. When CS is high, the data inputs are disabled regardless of the state
of the WR signal.
These devices are capable of performing 2-quadrant or full 4-quadrant multiplication. Circuit configurations for
2-quadrant or 4-quadrant multiplication are shown in Figure 3 and Figure 4. Table 1 and Table 2 summarize input
coding for unipolar and bipolar operation respectively.
Iref
REF
OUT2
OUT1
RFB
R
120 pF
30 pF
IIkg
I/256
IIkg
Figure 2. TLC7524 Equivalent Circuit With All Digital Inputs Low


Similar Part No. - TLC7524CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524CPW TI-TLC7524CPW Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - TLC7524CPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17008RP HITACHI-HA17008RP Datasheet
61Kb / 11P
   8-Bit Multiplying Digital to Analog Converter
logo
Texas Instruments
TLC7528CNSR TI1-TLC7528CNSR Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 8-BI MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com