Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71312PDQNR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71312PDQNR
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71312PDQNR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV71312PDQNR Datasheet HTML 4Page - Texas Instruments TLV71312PDQNR Datasheet HTML 5Page - Texas Instruments TLV71312PDQNR Datasheet HTML 6Page - Texas Instruments TLV71312PDQNR Datasheet HTML 7Page - Texas Instruments TLV71312PDQNR Datasheet HTML 8Page - Texas Instruments TLV71312PDQNR Datasheet HTML 9Page - Texas Instruments TLV71312PDQNR Datasheet HTML 10Page - Texas Instruments TLV71312PDQNR Datasheet HTML 11Page - Texas Instruments TLV71312PDQNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
1
2
3
4
0
0.5
1
1.5
2
Time (s)
VIN
VOUT
IOUT = 150 mA
TPS71318P
G020
Time (200 ms/s)
Channel 3
200 mV
Channel 4
50 mA
V
= 5 V, V
= 1.8 V
C
= C
=
IN
OUT
IN
OUT
0 F
m
V
OUT
G014
I
OUT
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
50
100
150
200
250
300
350
Output Current (mA)
TLV71318P
G011
Time (200 ms/s)
Channel 3
0.5 V
Channel 4
50 mA
V
= 5 V, V
= 1.8 V
C
= C
=
IN
OUT
IN
OUT
0 F
m
V
OUT
G013
I
OUT
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
Output Current (mA)
TLV71333P
G010
Time (200 ms/s)
Channel 3
200 mV
Channel 4
20 mA
V
= 5 V, V
= 1.8 V
C
= C
=
IN
OUT
IN
OUT
0 F
m
V
OUT
G015
I
OUT
TLV713
TLV713P
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At operating temperature range (TA = –40°C to +85°C), TA = +25°C, VIN = VOUT(NOM) + 0.5 V or 2.0 V (whichever is greater),
IOUT = 10 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted.
Figure 15. 0-mA to 20-mA LOAD TRANSIENT
Figure 16. 3.3-V OUTPUT VOLTAGE vs OUTPUT CURRENT
(Foldback Current Limit)
Figure 17. 0-mA to 100-mA LOAD TRANSIENT
Figure 18. 1.8-V OUTPUT VOLTAGE vs OUTPUT CURRENT
(Foldback Current Limit)
Figure 19. 10-mA to 150-mA LOAD TRANSIENT
Figure 20. VIN POWER-UP AND POWER-DOWN
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV71312PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71312PQDBVRQ1 TI-TLV71312PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71312PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com