Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233862222 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BFC233862222
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233862222 Datasheet(HTML) 3 Page - Vishay Siliconix

  BFC233862222 Datasheet HTML 1Page - Vishay Siliconix BFC233862222 Datasheet HTML 2Page - Vishay Siliconix BFC233862222 Datasheet HTML 3Page - Vishay Siliconix BFC233862222 Datasheet HTML 4Page - Vishay Siliconix BFC233862222 Datasheet HTML 5Page - Vishay Siliconix BFC233862222 Datasheet HTML 6Page - Vishay Siliconix BFC233862222 Datasheet HTML 7Page - Vishay Siliconix BFC233862222 Datasheet HTML 8Page - Vishay Siliconix BFC233862222 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MKP338 6 Y2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28114
366
Revision: 22-Dec-10
URAC = 300 V; C-tol = ± 20 % (URDC = 1000 V)
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 6X XXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
500 mm (1)(2)
Short leads
Long leads
lt = 3.5 mm
+ 1 mm/
- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt =
25.0 mm
± 2.0 mm
SPQ
H = 18.5 mm;
P0 = 12.7 mm SPQ
REEL:
Ø = 500 mm
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0 x 9.0 x 10.0
0.4
60102
62102
1500
64102
1000
66102
1250
68129
2500
0.0012
60122
62122
64122
66122
68131
0.0015
60152
62152
64152
66152
68132
0.0018
60182
62182
64182
66182
68133
0.0022
60222
62222
64222
66222
68134
0.0027
60272
62272
64272
66272
68135
0.0033
5.0 x 10.5 x 10.0
0.4
60332
62332
1000
64332
1250
66332
1000
68136
2000
0.0039
60392
62392
64392
66392
68137
0.0047
6.0 x 11.5 v 10.0
0.8
60472
62472
750
64472
1000
66472
750
68138
1900
0.0056
60562
62562
64562
66562
68139
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
68392
68401
1000
68409
1250
68418
1400
0.0012
68393
68402
68411
68419
0.0015
68394
68403
68412
68421
0.0018
68395
68404
68413
68422
0.0022
68396
68405
68414
68423
0.0027
68397
68406
68415
68424
0.0033
68398
68407
68416
68425
0.0039
68399
68408
68417
68426
0.0047
5.0 x 11.0 x 12.5
0.82
68101
68106
1000
68112
1000
68141
1100
0.0056
68102
68107
68113
68142
0.0068
68103
68108
68114
68143
0.0082
6.0 x 12.0 x 12.5
1.1
68104
68109
750
68115
750
68144
900
0.01
68105
68111
68116
68145
Notes
• SPQ = Standard Packing Quantity
(1) H =In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 365 mm is available on request
(3) Weight for short lead product only


Similar Part No. - BFC233862222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC233860332 VISHAY-BFC233860332 Datasheet
159Kb / 15P
   Interference Suppression Film Capacitor - Class Y2 Radial MKP 300 VAC - Line to Ground Application
Revision: 10-Dec-13
More results

Similar Description - BFC233862222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com