Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7725BCU Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SPT7725BCU
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7725BCU Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SPT7725BCU Datasheet HTML 4Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 5Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 6Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 7Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 8Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 9Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 10Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 11Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
8/17/01
SPT7725
Figure 4 – Subcircuit Schematics
AGND
VIN
VEE
VR
Input Circuit
AGND
–1.3 V
VEE
MINV
LINV
10 kW
16 kW
MINV, LINV Input Circuit
Output Circuit
AGND
Data Out
DGND
Figure 5 – Clock Input
AGND
–1.3 V
13 kW
13 kW
VEE
CLK
CLK
Figure 6 – Burn-In Circuit (42-lead DIP Package only)
R2
R1 = 50 W 1/4 Watt CC 5%
R2 = 1 kW 1/4 Watt CC 5%
R3 = 6.5 W 1/4 Watt CC 5%
R4 = 6.5 W 1/2 Watt CC 5%
VREF = –2.0 Volts
VEE = –6.6 Volts
R3
1N4736
R4
R4
LINV
MINV
R2
–2.0 V
R2
R2
VIN
VREF
VEE
CLK
CLK
–2.0 V
R1 R1
R1 R1 R1 R1 R1
R1
VIN
D0
D1
D2
D3
D4
D5
D6
D7
CLK
CLK
EVALUATION BOARDS
The EB7725 evaluation board is available to aid designers
in demonstrating the full performance of the SPT7725.
This board includes a voltage reference circuit, clock
driver circuit, output data latches, and an on-board recon-
struction of the digital data. An application note describing
the operation of this board, as well as application tips, is
also available. Contact the factory for price and delivery.


Similar Part No. - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725BCU CADEKA-SPT7725BCU Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725 CADEKA-SPT7725 Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com