Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7725BCU Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # SPT7725BCU
Description  8-BIT, 300 MSPS, FLASH A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7725BCU Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button SPT7725BCU Datasheet HTML 4Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 5Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 6Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 7Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 8Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 9Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 10Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 11Page - Fairchild Semiconductor SPT7725BCU Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
8/17/01
SPT7725
44-Lead Cerquad
C
D
A
B
A
B
0–5°
E
F
G
H
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.550 typ
13.97 typ
B
0.685
0.709
17.40
18.00
C
0.037
0.041
0.94
1.04
D
0.016 typ
0.41 typ
E
0.008 typ
0.20 typ
F
0.027
0.051
0.69
1.30
G
0.006 typ
0.15 typ
H
0.080
0.089
2.03
2.26


Similar Part No. - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725BCU CADEKA-SPT7725BCU Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results

Similar Description - SPT7725BCU

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7725 CADEKA-SPT7725 Datasheet
229Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
Sony Corporation
CXA1166K SONY-CXA1166K Datasheet
651Kb / 28P
   8-bit 250 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1166Y INTERSIL-HI1166Y Datasheet
585Kb / 8P
   8-Bit 250 MSPS Flash A/D Converter
April 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com