Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7840SCT Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SPT7840SCT
Description  10-BIT, 10 MSPS, 100 mW A/D CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7840SCT Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SPT7840SCT Datasheet HTML 3Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 4Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 7Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 8Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 9Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 10Page - Fairchild Semiconductor SPT7840SCT Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
6/27/01
SPT7840
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 2 shows the typical in-
terface requirements when using the SPT7840 in normal
circuit operation. The following sections provide descrip-
tions of the major functions and outline critical perfor-
mance criteria to consider for achieving the optimal device
performance.
POWER SUPPLIES AND GROUNDING
Fairchild suggests that both the digital and the analog sup-
ply voltages on the SPT7840 be derived from a single ana-
log supply as shown in figure 2. A separate digital supply
should be used for all interface circuitry. Fairchild suggests
using this power supply configuration to prevent a possible
latch-up condition on powerup.
OPERATING DESCRIPTION
The general architecture for the CMOS ADC is shown in
the block diagram. The design contains eight identical
successive approximation ADC sections, all operating in
parallel, a 16-phase clock generator, an 11-bit 8:1 digital
output multiplexer, correction logic, and a voltage refer-
ence generator that provides common reference levels for
each ADC section.
The high sample rate is achieved by using multiple SAR
ADC sections in parallel, each of which samples the input
signal in sequence. Each ADC uses 16 clock cycles to
complete a conversion. The clock cycles are allocated as
shown in table II.
VRHF
VRLS
VRLF
VRHS
VIN
CLK
VCAL
DAV
D10
D1
EN
AVDD AGND DGND* DVDD
Ref In
(+4 V)
VIN
CLK IN
Enable/Tri-State
(Enable = Active Low)
Interfacing
Logics
SPT7840
DGND
+
10 µF
+5 V
Digital
+5 V
Digital
RTN
3.3/5
L1
NOTES: 1) L1 is to be located as closely to the device as possible.
2) All capacitors are 0.1 µF surface-mount unless otherwise specified.
3) L1 is a 10 µH inductor or a ferrite bead.
+A5
AGND
+
10 µF
+5 V
Analog
+5 V
Analog
RTN
+A5
*To reduce the possibility of latch-up, avoid
connecting the DGND pins of the ADC to the
digital ground of the system.
3.3/5
3.3/5
D9
D8
D7
D6
D5
D4
D3
D2
D0
OVDD
OGND
Figure 2 – Typical Interface Circuit


Similar Part No. - SPT7840SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7840SCT CADEKA-SPT7840SCT Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results

Similar Description - SPT7840SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Analog Devices
AD9071 AD-AD9071_15 Datasheet
223Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. C
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD9070 AD-AD9070 Datasheet
254Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. B
AD9070 AD-AD9070_15 Datasheet
268Kb / 16P
   10-Bit, 100 MSPS A/D Converter
REV. C
AD9071 AD-AD9071 Datasheet
161Kb / 12P
   10-Bit, 100 MSPS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com