Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV713185PDQNR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV713185PDQNR
Description  Capacitor-Free, 150-mA, Low-Dropout Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV713185PDQNR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV713185PDQNR Datasheet HTML 6Page - Texas Instruments TLV713185PDQNR Datasheet HTML 7Page - Texas Instruments TLV713185PDQNR Datasheet HTML 8Page - Texas Instruments TLV713185PDQNR Datasheet HTML 9Page - Texas Instruments TLV713185PDQNR Datasheet HTML 10Page - Texas Instruments TLV713185PDQNR Datasheet HTML 11Page - Texas Instruments TLV713185PDQNR Datasheet HTML 12Page - Texas Instruments TLV713185PDQNR Datasheet HTML 13Page - Texas Instruments TLV713185PDQNR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TLV713
TLV713P
SBVS195D – SEPTEMBER 2012 – REVISED JULY 2013
www.ti.com
APPLICATION INFORMATION
The TLV713 belongs to a new family of next-generation value low-dropout (LDO) regulators. These devices
consume low quiescent current and deliver excellent line and load transient performance. These characteristics,
combined with low noise, very good PSRR with little (VIN – VOUT) headroom, make this family of devices ideal for
RF portable applications.
This family of regulators offers current limit and thermal protection. Device operating junction temperature is
–40°C to +85°C.
INPUT AND OUTPUT CAPACITOR CONSIDERATIONS
The TLV713 uses an advanced internal control loop to obtain stable operation both with and without the use of
input or output capacitors. The TLV713xx dynamic performance is improved with the use of an output capacitor.
An output capacitance of 0.1
μF or larger generally provides good dynamic response. X5R- and X7R-type
ceramic capacitors are recommended because these capacitors have minimal variation in value and equivalent
series resistance (ESR) over temperature.
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-µF to
1-µF capacitor from IN to GND. This capacitor counteracts reactive input sources and improves transient
response, input ripple, and PSRR. An input capacitor is recommended if the source impedance is more than
0.5
Ω. A higher-value capacitor may be necessary if large, fast, rise-time load transients are anticipated or if the
device is located several inches from the input power source.
BOARD LAYOUT RECOMMENDATIONS TO IMPROVE PSRR AND NOISE PERFORMANCE
Input and output capacitors should be placed as close to the device pins as possible. To improve ac performance
(such as PSRR, output noise, and transient response), TI recommends that the board be designed with separate
ground planes for VIN and VOUT, with the ground plane connected only at the device GND pin. In addition, the
output capacitor ground connection should be connected directly to the device GND pin. High ESR capacitors
may degrade PSRR performance.
INTERNAL CURRENT LIMIT
The TLV713 has an internal foldback current limit that helps protect the regulator during fault conditions. The
current supplied by the device is gradually throttled down while the output voltage decreases. When the output is
shorted, the LDO supplies a typical current of 40 mA. Output voltage is not regulated when the device is in
current limit, and is (VOUT = ILIMIT × RLOAD). The PMOS pass transistor dissipates [(VIN – VOUT) × ILIMIT] until
thermal shutdown is triggered and the device turns off. While the device cools down, it is turned on by the
internal thermal shutdown circuit. If the fault condition continues, the device cycles between current limit and
thermal shutdown. See the Thermal Information section for more details.
The TLV713 PMOS pass element has a built-in body diode that conducts current when the voltage at OUT
exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is anticipated,
external limiting to 5% of the rated output current is recommended.
SHUTDOWN
The enable pin (EN) is active high. The device is enabled when the voltage at the EN pin goes above 0.9 V. This
relatively lower voltage value required to turn the LDO on can be exploited to power the LDO with a GPIO of
recent processors whose GPIO logic 1 voltage level is lower than traditional microcontrollers. The device is
turned off when the EN pin is held at less than 0.4 V. When shutdown capability is not required, EN can be
connected to the IN pin.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV713 TLV713P


Similar Part No. - TLV713185PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71318PQDBVRQ1 TI-TLV71318PQDBVRQ1 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
More results

Similar Description - TLV713185PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P TI1-TLV733P_16 Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
logo
ON Semiconductor
NCV4299AD233R2G ONSEMI-NCV4299AD233R2G Datasheet
196Kb / 20P
   150 mA Low-Dropout Voltage Regulator
December, 2013 ??Rev. 3
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
NCV4299C ONSEMI-NCV4299C Datasheet
146Kb / 19P
   150 mA Low-Dropout Voltage Regulator
November, 2014 ??Rev. 0
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com