Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIL530-390 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # SIL530-390
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIL530-390 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  SIL530-390 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
o
25 C, 100KHz, 0.1V
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
SMT Power Inductor
SIL530 Type
Magnetically shielded
Idel for power source circuits, DC-DC converter, DC-AC inverters
inductor application.
In addition to the standard versions shown here, customized inductors
are available to meet your exact requirements.
RoHS compliant.
Features
36
Electrical Characteristics:
0.00
0.01
0.10
1.00
10.00
CURRENT (A)
1.00
10.00
100.00
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
8R2
6R8
5R6
4R7
3R9
3R3
2R7
2R2
1R8
1R2
181
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
1. Tolerance of inductance :
30%.
2. Irated is the DC current which cause the inductance drop less than 35% of its nominal inductance without current
o
and the surface temperature of the part increase less than 45 C.
oo
3. Operating temperature: -20 C to 105 C (including self-temperature rise).
SIL530B - 1R1
1.1
0.0250
5.00
SIL530 - 1R2
1.2
0.0236
2.56
SIL530A - 1R2
1.2
0.0250
3.80
SIL530 - 1R8
1.8
0.0275
2.20
SIL530 - 2R2
2.2
0.0313
2.04
SIL530B - 2R2
2.2
0.0350
3.30
SIL530 - 2R7
2.7
0.0433
1.60
SIL530 - 3R3
3.3
0.0492
1.57
SIL530B - 3R3
3.3
0.0480
2.70
SIL530 - 3R9
3.9
0.0648
1.44
SIL530 - 4R7
4.7
0.0720
1.32
SIL530B - 4R7
4.7
0.0650
2.30
SIL530 - 5R6
5.6
0.1009
1.17
SIL530 - 6R8
6.8
0.1089
1.12
SIL530A - 6R8
6.8
0.0750
1.50
SIL530B - 6R8
6.8
0.0800
2.00
SIL530 - 8R2
8.2
0.1175
1.04
SIL530 - 100
10.0
0.1283
1.00
SIL530A - 100
10.0
0.1100
1.20
SIL530B - 100
10.0
0.1200
1.50
SIL530 - 120
12.0
0.1316
0.84
SIL530 - 150
15.0
0.1490
0.76
SIL530 - 180
18.0
0.1660
0.72
SIL530 - 220
22.0
0.2350
0.70
SIL530B - 220
22.0
0.2600
1.00
SIL530 - 270
27.0
0.2610
0.58
SIL530 - 330
33.0
0.3780
0.56
SIL530 - 390
39.0
0.3837
0.50
SIL530 - 470
47.0
0.5870
0.48
SIL530A - 470
47.0
0.4400
0.62
SIL530B - 470
47.0
0.4900
0.75
SIL530 - 560
56.0
0.6245
0.41
SIL530 - 680
68.0
0.6990
0.35
SIL530 - 820
82.0
0.9148
0.32
SIL530 - 101
100.0
1.0200
0.29
SIL530 - 121
120.0
1.2700
0.27
SIL530 - 151
150.0
1.3500
0.24
SIL530 - 181
180.0
1.5400
0.22
2
Irated
(Adc)
PART NO.
DCR
(
) MAX
1
L
(uH)
5.3
1.0
C
D
B
A
5.3
Mechanical Dimension:
UNIT:mm/inch
C = 3.0 / 0.118 Max.
UNIT:mm/inch
A = 5.0 / 0.197 Max.
B = 5.0 / 0.197 Max.
D = 1.5 0.1 / 0.059 0.004
RECOMMENDED PAD PATTERNS


Similar Part No. - SIL530-390

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIL520 DELTA-SIL520 Datasheet
84Kb / 1P
   SMT Power Inductor
SIL520-100 DELTA-SIL520-100 Datasheet
84Kb / 1P
   SMT Power Inductor
SIL520-101 DELTA-SIL520-101 Datasheet
84Kb / 1P
   SMT Power Inductor
SIL520-120 DELTA-SIL520-120 Datasheet
84Kb / 1P
   SMT Power Inductor
SIL520-121 DELTA-SIL520-121 Datasheet
84Kb / 1P
   SMT Power Inductor
More results

Similar Description - SIL530-390

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com