Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA316X-800B0 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BTA316X-800B0
Description  3Q Hi-Com Triac
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA316X-800B0 Datasheet(HTML) 4 Page - NXP Semiconductors

  BTA316X-800B0 Datasheet HTML 1Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 2Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 3Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 4Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 5Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 6Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 7Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 8Page - NXP Semiconductors BTA316X-800B0 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BTA316X-800B0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 17 November 2011
4 of 14
NXP Semiconductors
BTA316X-800B0
3Q Hi-Com Triac
Fig 3.
Total power dissipation as a function of RMS on-state current; maximum values
Fig 4.
Non-repetitive peak on-state current as a function of the number of sinusoidal current cycles; maximum
values
003aab689
0
5
10
15
20
02
46
8
10
12
14
16
IT(RMS) (A)
Ptot
(W)
α= 180°
120
°
90
°
60
°
30
°
conduction
angle,
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α
003aab668
0
40
80
120
160
1
10
10
2
10
3
number of cycles (n)
ITSM
(A)
ITSM
t
IT
Tj(init) = 25 °C max
1/f


Similar Part No. - BTA316X-800B0

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
BTA316X-800B0 WEEN-BTA316X-800B0 Datasheet
317Kb / 13P
   3Q Hi-Com Triac
More results

Similar Description - BTA316X-800B0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA312-600D NXP-BTA312-600D Datasheet
293Kb / 14P
   3Q Hi-Com Triac
Rev. 02-30 November 2010
BTA204W-600B PHILIPS-BTA204W-600B Datasheet
209Kb / 15P
   3Q Hi-Com Triac
15 August 2014
BTA204-600F PHILIPS-BTA204-600F Datasheet
196Kb / 13P
   3Q Hi-Com Triac
8 August 2014
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
BTA204-600B WEEN-BTA204-600B Datasheet
251Kb / 13P
   3Q Hi-Com Triac
BTA204S-800B WEEN-BTA204S-800B Datasheet
313Kb / 13P
   3Q Hi-Com Triac
BTA204W-600D WEEN-BTA204W-600D Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA204W-600E WEEN-BTA204W-600E Datasheet
256Kb / 14P
   3Q Hi-Com Triac
BTA316-800E WEEN-BTA316-800E Datasheet
237Kb / 13P
   3Q Hi-Com Triac
BTA410-600CT WEEN-BTA410-600CT Datasheet
454Kb / 12P
   3Q Hi-Com Triac
BTA308Y-800C0T WEEN-BTA308Y-800C0T Datasheet
398Kb / 12P
   3Q Hi-Com Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com