Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78601KTT Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS78601KTT
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78601KTT Datasheet(HTML) 5 Page - Texas Instruments

  TPS78601KTT Datasheet HTML 1Page - Texas Instruments TPS78601KTT Datasheet HTML 2Page - Texas Instruments TPS78601KTT Datasheet HTML 3Page - Texas Instruments TPS78601KTT Datasheet HTML 4Page - Texas Instruments TPS78601KTT Datasheet HTML 5Page - Texas Instruments TPS78601KTT Datasheet HTML 6Page - Texas Instruments TPS78601KTT Datasheet HTML 7Page - Texas Instruments TPS78601KTT Datasheet HTML 8Page - Texas Instruments TPS78601KTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
FB
R
2
External to
the Device
Overshoot
Detect
250 k
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
OUT
300
V
REF
ILIM
SHUTDOWN
Current
Sense
Thermal
Shutdown
UVLO
UVLO
R
1
R
2
R
2 = 40 kΩ
Overshoot
Detect
250 k
Quickstart
Bandgap
Reference
1.225 V
IN
V
IN
EN
GND
NR
OUT
300
V
REF
ILIM
SHUTDOWN
TPS786xx
www.ti.com
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
FUNCTIONAL BLOCK DIAGRAM—ADJUSTABLE VERSION
FUNCTIONAL BLOCK DIAGRAM—FIXED VERSION
PIN CONFIGURATIONS
TERMINAL
DCQ
KTT
DRB
NAME
(SOT223)
(DDPAK)
(SON)
DESCRIPTION
Noise-reduction pin for fixed versions only. An external bypass capacitor, connected to this terminal, in
NR
5
5
5
conjunction with an internal resistor, creates a low-pass filter to further reduce regulator noise.
The EN terminal is an input that enables or shuts down the device. When EN is a logic high, the device
EN
1
1
8
is enabled. When the device is a logic low, the device is in shutdown mode.
FB
5
5
5
Feedback input voltage for the adjustable device.
GND
3, 6
3, TAB
6
Regulator ground
IN
2
2
1, 2
Input supply
OUT
4
4
3, 4
Regulator output
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78601KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601KTT TI-TPS78601KTT Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS78601KTT TI-TPS78601KTT Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601KTT TI1-TPS78601KTT Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78601KTTR TI-TPS78601KTTR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601KTTR TI1-TPS78601KTTR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78601KTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com