Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78601KTTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78601KTTR
Description  ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78601KTTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS78601KTTR Datasheet HTML 2Page - Texas Instruments TPS78601KTTR Datasheet HTML 3Page - Texas Instruments TPS78601KTTR Datasheet HTML 4Page - Texas Instruments TPS78601KTTR Datasheet HTML 5Page - Texas Instruments TPS78601KTTR Datasheet HTML 6Page - Texas Instruments TPS78601KTTR Datasheet HTML 7Page - Texas Instruments TPS78601KTTR Datasheet HTML 8Page - Texas Instruments TPS78601KTTR Datasheet HTML 9Page - Texas Instruments TPS78601KTTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
2.95
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
0.0
0.3
0.6
0.9
1.2
1.5
IOUT (A)
VIN = 4 V
COUT = 10 µF
TJ = 25°C
0
1
2
3
4
5
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
IOUT = 1 mA
2.798
2.794
2.790
2.782
2.778
IOUT = 1.5 A
VIN = 3.8 V
COUT = 10 µF
2.786
290
300
310
320
330
340
350
−40 −25 −10 5
20 35 50 65 80 95 110 125
TJ (°C)
VIN = 3.8 V
COUT = 10 µF
IOUT = 1 mA
IOUT = 1.5 A
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 5.5 V
COUT = 2.2 µF
CNR = 0.1 µF
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Frequency (Hz)
100
10k
100k
1k
IOUT = 1 mA
IOUT = 1.5 A
VIN = 5.5 V
COUT = 10 µF
CNR = 0.1 µF
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (Hz)
100
10k
100k
1k
VIN = 5.5 V
COUT = 10 µF
IOUT = 1.5 A
CNR = 0.1 µF
CNR = 0.01 µF
CNR = 0.0047 µF
CNR = 0.001 µF
TPS786xx
SLVS389L – SEPTEMBER 2002 – REVISED OCTOBER 2010
www.ti.com
TYPICAL CHARACTERISTICS
TPS78630
TPS78628
TPS78628
OUTPUT VOLTAGE
OUTPUT VOLTAGE
GROUND CURRENT
vs
vs
vs
OUTPUT CURRENT
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
Figure 3.
TPS78630
TPS78630
TPS78630
OUTPUT SPECTRAL
OUTPUT SPECTRAL
OUTPUT SPECTRAL
NOISE DENSITY
NOISE DENSITY
NOISE DENSITY
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2002–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS786xx


Similar Part No. - TPS78601KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601KTTR TI-TPS78601KTTR Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601KTTR TI1-TPS78601KTTR Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS78601KTTRG3 TI-TPS78601KTTRG3 Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS78601KTTRG3 TI1-TPS78601KTTRG3 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
More results

Similar Description - TPS78601KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78601 TI-TPS78601 Datasheet
559Kb / 17P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1.5 A LOW-DROPOUT LINEAR REGULATORS
TPS786XX TI-TPS786XX Datasheet
752Kb / 21P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 1.5-A LOW-DROPOUT LINEAR REGULATORS
TPS786 TI1-TPS786_16 Datasheet
1Mb / 37P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS786 TI-TPS786_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS786 Ultralow-Noise, High-PSRR, Fast, RF, 1.5-A Low-Dropout Linear Regulators
TPS79601 TI-TPS79601 Datasheet
560Kb / 18P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 1-A LOW-DROPOUT LINEAR REGULATORS
TPS79633-Q1 TI1-TPS79633-Q1 Datasheet
779Kb / 19P
[Old version datasheet]   Ultralow-Noise, High-PSRR, Fast, RF, 1-A LOW-DROPOUT LINEAR REGULATORS
TPS796XX TI-TPS796XX_08 Datasheet
1Mb / 25P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST, RF, 1A LOW-DROPOUT LINEAR REGULATORS
TPS79118-Q1 TI-TPS79118-Q1 Datasheet
900Kb / 21P
[Old version datasheet]   ULTRALOW NOISE,HIGH PSRR,FAST RF 100MA LOW-DROPOUT LINEAR REGULATORS
TPS796 TI1-TPS796_14 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
TPS79601DRBR TI1-TPS79601DRBR Datasheet
1Mb / 30P
[Old version datasheet]   Ultralow-Noise, High PSRR, Fast, RF, 1A Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com