Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7852SCT Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SPT7852SCT
Description  DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7852SCT Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SPT7852SCT Datasheet HTML 1Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 2Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 3Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 4Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 7Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 8Page - Fairchild Semiconductor SPT7852SCT Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
1/12/00
SPT7852
ELECTRICAL SPECIFICATIONS
TA=TMIN to TMAX, AVDD = DVDD = +5.0 V, VIN =0 to 4 V, ƒS =20 MSPS, ƒCLK =40 MHz, VRHS = 4.0 V, VRLS =0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Dynamic Performance
Signal-to-Noise Ratio
(without Harmonics)
ƒIN=3.58 MHz
VI
53
57
dB
ƒIN=10 MHz
VI
52
56
dB
Harmonic Distortion
ƒIN=3.58 MHz
VI
56
59
dB
ƒIN=10 MHz
VI
52
54
dB
Signal-to-Noise and Distortion
(SINAD)
ƒIN=3.58 MHz
VI
52
55
dB
ƒIN=10 MHz
VI
49
52
dB
Channel-to-Channel Crosstalk
ƒIN=3.58 MHz
IV
70
dB
Channel-to-Channel Gain Matching Full Scale
IV
0.04
dB
Spurious Free Dynamic Range
ƒIN=3.58 MHz @ –3 dB FS
V
66
dB
Differential Phase
V
0.2
Degree
Differential Gain
V
0.3
%
Digital Inputs
Logic "1" Voltage
VI
2.0
V
Logic "0" Voltage
VI
0.8
V
Maximum Input Current Low
VIL=0 V
VI
–10
+10
µA
Maximum Input Current High
VIH=5 V
VI
–10
+10
µA
Input Capacitance
V
5
pF
Digital Outputs
Logic "1" Voltage
IOH=0.5 mA
VI
OVDD–0.5
V
Logic "0" Voltage
IOS=1.6 mA
VI
0.4
V
tRISE/tFALL
15 pF Load
V
10
ns
Output Enable to Data Output Delay
20 pF Load, TA=+25 °C
V
10
ns
50 pF Load Over Temp.
V
22
ns
Power Supply Requirements
Voltages DVDD
IV
4.75
5.0
5.25
V
AVDD
IV
4.75
5.0
5.25
V
OVDD
IV
2.7
5.0
5.25
V
Currents AIDD
Total for Both Converter
VI
15
18
mA
DIDD
Channels
VI
17
20
mA
Power Dissipation
VI
160
190
mW
TEST LEVEL CODES
All electrical characteristics are subject to the follow-
ing conditions:
All parameters having min/max specifications are
guaranteed. The Test Level column indicates the
specific device testing actually performed during
production and Quality Assurance inspection. Any
blank section in the data column indicates that the
specification is not tested at the specified condition.
TEST PROCEDURE
100% production tested at the specified temperature.
100% production tested at TA=+25 °C, and sample tested at
the specified temperatures.
QA sample tested only at the specified temperatures.
Parameter is guaranteed (but not tested) by design and char-
acterization data.
Parameter is a typical value for information purposes only.
100% production tested at TA = +25 °C. Parameter is guaran-
teed over specified temperature range.
TEST LEVEL
I
II
III
IV
V
VI


Similar Part No. - SPT7852SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7852SCT CADEKA-SPT7852SCT Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
More results

Similar Description - SPT7852SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7863 FAIRCHILD-SPT7863 Datasheet
91Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com