Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7853 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7853 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  SPT7853 Datasheet HTML 1Page - Fairchild Semiconductor SPT7853 Datasheet HTML 2Page - Fairchild Semiconductor SPT7853 Datasheet HTML 3Page - Fairchild Semiconductor SPT7853 Datasheet HTML 4Page - Fairchild Semiconductor SPT7853 Datasheet HTML 5Page - Fairchild Semiconductor SPT7853 Datasheet HTML 6Page - Fairchild Semiconductor SPT7853 Datasheet HTML 7Page - Fairchild Semiconductor SPT7853 Datasheet HTML 8Page - Fairchild Semiconductor SPT7853 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
12/14/99
SPT7853
4
ANALOG IN
CLOCK IN
SAMPLING CLOCK
DIGITAL OUT
DATA VALID
12345678910
11
12
13
14
15
16
17
(Internal)
VALID
INVALID
5
6
7
1
2
3
8
9
10
11
Figure 1a – Timing Diagram 1
Figure 1b – Timing Diagram 2
Table I – Timing Parameters
Description
Parameters
Min
Typ
Max
Units
Conversion time
tC
2 x tCLK
nS
Clock period
tCLK
16.67
nS
Clock duty cycle
45
50
55
%
Clock to output delay (15 pF load)
tOD
19
nS
DAV pulse width
tDAV
tCLK
nS
Clock to DAV
tD
6.5
nS
DATA
VALID
DATA
OUTPUT
DA, DB, DC
CLOCK
IN
tOD
tS
Data 0
Data 1
Data 2
tC
tCH
tCL
tCLK
tDAV
tDAV


Similar Part No. - SPT7853

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
SPT7853SCT CADEKA-SPT7853SCT Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
More results

Similar Description - SPT7853

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI2309 INTERSIL-HI2309 Datasheet
652Kb / 9P
   Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com