Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7853 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # SPT7853
Description  TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7853 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button SPT7853 Datasheet HTML 2Page - Fairchild Semiconductor SPT7853 Datasheet HTML 3Page - Fairchild Semiconductor SPT7853 Datasheet HTML 4Page - Fairchild Semiconductor SPT7853 Datasheet HTML 5Page - Fairchild Semiconductor SPT7853 Datasheet HTML 6Page - Fairchild Semiconductor SPT7853 Datasheet HTML 7Page - Fairchild Semiconductor SPT7853 Datasheet HTML 8Page - Fairchild Semiconductor SPT7853 Datasheet HTML 9Page - Fairchild Semiconductor SPT7853 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
12/14/99
SPT7853
TYPICAL INTERFACE CIRCUIT
Very few external components are required to achieve the
stated device performance. Figure 2 shows the typical inter-
face requirements when using the SPT7853 in normal cir-
cuit operation. The following sections provide descriptions
of the major functions and outline critical performance crite-
ria to consider for achieving the optimal device perfor-
mance.
Figure 2 – Typical Interface Circuit
The high sample rate is achieved by using multiple SAR
ADC sections in parallel, each of which samples the input
signal in sequence. Each SAR ADC uses 16 clock cycles to
complete a conversion. The clock cycles are allocated as
follows:
Table II – Clock Cycles
Clock
Operation
1
Reference zero sampling
2
Auto-zero comparison
3
Auto-calibrate comparison
4
Input sample
5-15
11-bit SAR conversion
16
Data transfer
The 16-phase clock, which is derived from the input clock,
synchronizes these events. The timing signals for adjacent
ADC sections are shifted by two clock cycles so that the
analog input is sampled on every other cycle of the input
clock by exactly one ADC section. After 16 clock periods,
the timing cycle repeats. The sample rate for the configura-
tion is one-half of the clock rate, e.g., for a 60 MHz clock
rate, the input sample rate is 30 MHz. The latency from ana-
log input sample to the corresponding digital output is 12
clock cycles.
• Since only eight comparators are used, a huge power
savings is realized.
• The auto-zero operation is done using a closed loop sys-
tem that uses multiple samples of the comparator’s
response to a reference zero.
• The auto-calibrate operation, which calibrates the gain of
the MSB reference and the LSB reference, is also done
with a closed loop system. Multiple samples of the gain
error are integrated to produce a calibration voltage for
each ADC section.
• Capacitive displacement currents, which can induce sam-
pling error, are minimized since only one comparator
samples the input during a clock cycle.
• The total input capacitance is very low since sections of
the converter which are not sampling the signal are iso-
lated from the input by transmission gates.
VOLTAGE REFERENCE
The SPT7853 requires the use of a single external voltage
reference for driving the high side of the reference ladder of
each ADC. It must be within the range of 3 V to 5 V. The
lower side of the ladder is typically tied to AGND (0.0 V), but
can be run up to 2.0 V with a second reference. The analog
input voltage range will track the total voltage difference
measured between the ladder sense lines, VRHS and VRLS.
POWER SUPPLIES AND GROUNDING
The digital and the analog supply voltages on the SPT7853
are internally derived from a single analog supply. A sepa-
rate digital supply must be used for all interface circuitry
(OVDD). Connect the digital ground (DGND) to the analog
ground plane, as shown in figure 2, to prevent possible
latch-up condition.
OPERATING DESCRIPTION
The general architecture for the CMOS ADC is shown in the
block diagram. Each ADC uses a parallel SAR architecture.
Each contains eight identical successive approximation
ADC sections, all operating in parallel, a 16-phase clock
generator, an 11-bit 8:1 digital output multiplexer, correc-
tion logic, and a voltage reference generator which pro-
vides common reference levels for each ADC section.
+A5
+
4.7
AGND
REF IN
(+4V typ)
VIN1
VIN2
VIN3
4.7 +
+D2.7V-5V DGND
Enable
+D2.7V–5V
10
10
10
VRHF
VRHS
VRLF
VRLS
VRLT
VCAL
VINA
VINB
VINC
OEN
DA0–9
DB0–9
DC0–9
DAV
OVDD
CLK
1. Place the Ferrite bead as close to the ADC as possible.
2. All capacitors are 0.01 microfarad surface mount unless otherwise specified.
3. Place 0.01 microfarad surface mount as close to the respective decoupling pin as possible.
4. All input pins (references, analog inputs, clock input and /OEN) must be protected to
within the specified absolute maximum ratings.
NOTES:
Clock
Input
Ferrite Bead
AGND
DGND
Hi-Z


Similar Part No. - SPT7853

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
SPT7853SCT CADEKA-SPT7853SCT Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
More results

Similar Description - SPT7853

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7853 CADEKA-SPT7853 Datasheet
175Kb / 10P
   TRIPLE 10-BIT, 30 MSPS A/D CONVERTER
TMC3003 CADEKA-TMC3003 Datasheet
200Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
TMC3033 CADEKA-TMC3033 Datasheet
216Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Fairchild Semiconductor
TMC3033 FAIRCHILD-TMC3033 Datasheet
119Kb / 12P
   Triple Video D/A Converter 10 bit, 80 Msps
logo
Intersil Corporation
HI2309 INTERSIL-HI2309 Datasheet
652Kb / 9P
   Triple 10-Bit, 50 MSPS,3-Channel D/A Converter
logo
Analog Devices
AD768 AD-AD768 Datasheet
334Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768ARZ AD-AD768ARZ Datasheet
252Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD768 AD-AD768_15 Datasheet
337Kb / 20P
   16-Bit, 30 MSPS D/A Converter
REV. B
AD9483 AD-AD9483 Datasheet
319Kb / 26P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. A
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
   Triple 8-Bit, 140 MSPS A/D Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com