Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43501K2337M000 Datasheet(PDF) 1 Page - EPCOS

Part # B43501K2337M000
Description  Snap-In Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43501K2337M000 Datasheet(HTML) 1 Page - EPCOS

  B43501K2337M000 Datasheet HTML 1Page - EPCOS B43501K2337M000 Datasheet HTML 2Page - EPCOS B43501K2337M000 Datasheet HTML 3Page - EPCOS B43501K2337M000 Datasheet HTML 4Page - EPCOS B43501K2337M000 Datasheet HTML 5Page - EPCOS B43501K2337M000 Datasheet HTML 6Page - EPCOS B43501K2337M000 Datasheet HTML 7Page - EPCOS B43501K2337M000 Datasheet HTML 8Page - EPCOS B43501K2337M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
235 10/02
Long-life grade capacitors
Applications
I Switch-mode power supplies in industrial
and entertainment electronics
I Frequency converters
Features
I Long useful life
I High reliability and high ripple current capability
I Low equivalent series resistance ESR
I High CU product, i.e. compact
I Different case sizes available for each capacitance value
Construction
I Charge-discharge proof, polar
I Aluminum case, fully insulated
I Snap-in solder pins to hold component in place on PC-board
I Minus pole marking on case surface
I Minus pole not insulated from case
I Overload protection (safety vent)
Terminals
I Standard version with 2 terminals
2 lengths available: 6,3 and 4,5 mm
I 3 terminals: length 4,5 mm
(terminal arrangement ensures correct insertion)
Long Useful Life 85 °C
B43501
Snap-In Capacitors
B43501


Similar Part No. - B43501K2337M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43501K2337M000 EPCOS-B43501K2337M000 Datasheet
292Kb / 11P
   Snap-In Capacitors Long Useful Life - 85
More results

Similar Description - B43501K2337M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B43634 TDK-B43634_15 Datasheet
624Kb / 20P
   Snap-in capacitors
B43545 TDK-B43545_15 Datasheet
607Kb / 17P
   Snap-in capacitors
B43641 TDK-B43641 Datasheet
728Kb / 16P
   Snap-in capacitors
B43624 TDK-B43624_15 Datasheet
630Kb / 21P
   Snap-in capacitors
logo
EPCOS
B43504 EPCOS-B43504 Datasheet
294Kb / 11P
   Snap-In Capacitors
B41303J7338M EPCOS-B41303J7338M Datasheet
325Kb / 15P
   Snap-In Capacitors
logo
TDK Electronics
B43541 TDK-B43541_15 Datasheet
667Kb / 24P
   Snap-in capacitors
B43544 TDK-B43544_15 Datasheet
638Kb / 22P
   Snap-in capacitors
B43640 TDK-B43640_15 Datasheet
620Kb / 20P
   Snap-in capacitors
B43642 TDK-B43642_15 Datasheet
627Kb / 20P
   Snap-in capacitors
B43509 TDK-B43509_15 Datasheet
626Kb / 20P
   Snap-in capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com