Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

222233860222 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 222233860222
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

222233860222 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 222233860222 Datasheet HTML 5Page - Vishay Siliconix 222233860222 Datasheet HTML 6Page - Vishay Siliconix 222233860222 Datasheet HTML 7Page - Vishay Siliconix 222233860222 Datasheet HTML 8Page - Vishay Siliconix 222233860222 Datasheet HTML 9Page - Vishay Siliconix 222233860222 Datasheet HTML 10Page - Vishay Siliconix 222233860222 Datasheet HTML 11Page - Vishay Siliconix 222233860222 Datasheet HTML 12Page - Vishay Siliconix 222233860222 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MKP338 6 Y2
Vishay BCcomponents Interference Suppression Film Capacitors
MKP Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28114
372
Revision: 22-Dec-10
URAC = 300 V; C-tol = 5 % (URDC = 1000 V)
Notes
• SPQ = Standard Packing Quantity
(1) H = In-tape height; P0 = Sprocket hole distance; for detailed specifications refer to “Packaging Information”
(2) Reel diameter = 365 mm is available on request
(3) Weight for short lead product only
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (1)
CATALOG NUMBER BFC2 338 6X XXX AND PACKAGING
LOOSE IN BOX
AMMOPACK
REEL
500 mm (1)(2)
Short leads
Long leads
lt = 3.5 mm
+ 1 mm/
- 0.5 mm
lt = 5.0 mm
± 1.0 mm
SPQ
lt =
25.0 mm
± 2.0 mm
SPQ
H = 18.5 mm;
P0 = 12.7 mm
SPQ
REEL:
Ø = 500 mm
H = 18.5 mm;
P0 = 12.7 mm
SPQ
Pitch = 7.5 mm ± 0.4 mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0 x 9.0 x 10.0
0.4
68215
68225
1500
68235
1000
68335
1250
68346
2500
0.0012
68216
68226
68236
68336
68347
0.0015
68217
68227
68237
68337
68348
0.0018
68218
68228
68238
68338
68349
0.0022
68219
68229
68239
68339
68351
0.0027
5.0 x 10.5 x 10.0
0.4
68221
68231
1000
68241
1250
68341
1000
68352
2000
0.0033
68222
68232
68242
68342
68353
0.0039
6.0 x 11.5 x 10.0
0.8
68223
68233
750
68243
1000
68343
750
68354
1900
0.0047
68224
68234
68244
68344
68355
Pitch = 10.0 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.001
4.0 x 10.0 x 12.5
0.6
68481
68489
1000
68498
1250
68507
1400
0.0012
68482
68491
68499
68508
0.0015
68483
68492
68501
68509
0.0018
68484
68493
68502
68511
0.0022
68485
68494
68503
68512
0.0027
68486
68495
68504
68513
0.0033
68487
68496
68505
68514
0.0039
68488
68497
68506
68515
0.0047
5.0 x 11.0 x 12.5
0.82
68245
68249
1000
68254
1000
68357
1100
0.0056
68246
68251
68255
68358
0.0068
6.0 x 12.0 x 12.5
1.1
68247
68252
750
68256
750
68359
900
0.0082
68248
68253
68257
68361


Similar Part No. - 222233860222

ManufacturerPart #DatasheetDescription
logo
International Rectifier
222233820334 IRF-222233820334 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
More results

Similar Description - 222233860222

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com