Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIG3010H Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # SIG3010H
Description  SPECIFICATION FOR APPROVAL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

SIG3010H Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  SIG3010H Datasheet HTML 1Page - Delta Electronics, Inc. SIG3010H Datasheet HTML 2Page - Delta Electronics, Inc. SIG3010H Datasheet HTML 3Page - Delta Electronics, Inc. SIG3010H Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION FOR APPROVAL
DOCUMENT
: SIG3010H-000
REVISION
: A2
PAGE
: 2 OF 4
Specifications
Rdc ( m
Ω)
Heat Rating Current DC
Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
Part Number
L0
Inductance
(
µH )
@ (0A)
Typical
Maximum
Typical
Maximum
Typical
Maximum
SIG3010H-R47
0.47
38
46
3.20
2.88
3.70
3.33
SIG3010H-1R0
1.0
68
82
2.75
2.48
3.00
2.70
SIG3010H-1R5
1.5
65
78
1.90
1.71
1.80
1.62
SIG3010H-2R2
2.2
90
108
1.60
1.44
1.60
1.44
SIG3010H-3R3
3.3
110
132
1.45
1.31
1.25
1.13
SIG3010H-4R7
4.7
167
200
1.20
1.08
1.00
0.90
SIG3010H-6R8
6.8
250
300
0.95
0.86
0.85
0.76
SIG3010H-8R2
8.2
311
373
0.85
0.77
0.80
0.72
SIG3010H-100
10.0
366
439
0.81
0.73
0.75
0.68
SIG3010H-150
15.0
672
807
0.72
0.64
0.58
0.52
SIG3010H-220
22.0
708
850
0.55
0.50
0.45
0.41
SIG3010H-330
33.0
1,360
1,632
0.50
0.45
0.38
0.34
SIG3010H-470
47.0
2,170
2,604
0.38
0.34
0.30
0.27
* :If you require another part number please contact with us.
**:Inductance Tolerance
± 20%
Note 1.: All test data is referenced to 25℃ ambient.
Note 2.: Test Condition:1MHz, 1.0Vrms
Note 3.: Idc : DC current (A) that will cause an approximate △T of 40℃
Note 4.: Isat : DC current (A) that will cause Lo to drop approximately 30%
Note 5.: Operating Temperature Range -55℃ to + 125℃
Note 6.: The part temperature (ambient + temp rise ) should not exceed 125℃ under worse case operating
conditions. Circuit design , component placement, PWB trace size and thickness, airflow and other
cooling provision all affect the part temperature. Part temperature should be verified in the end
application.
Note 7.:
The rated current as listed is either the saturation current or the heating current depending
on which value is lower.


Similar Part No. - SIG3010H

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SIG3012-100 DELTA-SIG3012-100 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-1R0 DELTA-SIG3012-1R0 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-1R5 DELTA-SIG3012-1R5 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-220 DELTA-SIG3012-220 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-2R2 DELTA-SIG3012-2R2 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
More results

Similar Description - SIG3010H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com