Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7850SCT Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SPT7850SCT
Description  10-BIT, 20 MSPS, 140 mW A/D CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7850SCT Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SPT7850SCT Datasheet HTML 5Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 6Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 7Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 8Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 9Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 10Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 11Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 12Page - Fairchild Semiconductor SPT7850SCT Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
6/15/01
SPT7850
Typically, the top side voltage drop for VRHF to VRHS will
equal:
VRHF – VRHS = 2.25 % of (VRHF – VRLF) (typical),
and the bottom side voltage drop for VRLS to VRLF will
equal:
VRLS – VRLF = 1.9 % of (VRHF – VRLF) (typical).
Figure 4 shows an example of expected voltage drops for
a specific case. VREF of 4.0 V is applied to VRHF, and VRLF
is tied to AGND. A 90 mV drop is seen at VRHS (= 3.91 V),
and a 75 mV increase is seen at VRLS (= 0.075 V).
ANALOG INPUT
VIN is the analog input. The input voltage range is from
VRLS to VRHS (typically 4.0 V) and will scale proportionally
with respect to the voltage reference. (See voltage refer-
ence section.)
The drive requirements for the analog inputs are very
minimal when compared to most other converters due to
the SPT7850’s extremely low input capacitance of only
5 pF and very high input resistance of 50 k
Ω.
The analog input should be protected through a series
resistor and diode clamping circuit as shown in figure 5.
Upon powerup, the SPT7850 begins its calibration algo-
rithm. In order to achieve the calibration accuracy re-
quired, the offset and gain adjustment step size is a frac-
tion of a 10-bit LSB. Since the calibration algorithm is an
oversampling process, a minimum of 10,000 clock cycles
are required. This results in a minimum calibration time
upon powerup of 250 µsec for a 20 MHz sample rate.
Once calibrated, the SPT7850 remains calibrated over
time and temperature.
Since the calibration cycles are initiated on the rising edge
of the clock, the clock must be continuously applied for the
SPT7850 to remain in calibration.
INPUT PROTECTION
All I/O pads are protected with an on-chip protection
circuit shown in figure 6. This circuit provides ESD robust-
ness to 3.5 kV and prevents latch-up under severe dis-
charge conditions without degrading analog transition
times.
Figure 5 – Recommended Input Protection Circuit
47 W
D1
D2
ADC
Buffer
AVDD
+V
–V
D1 = D2 = Hewlett-Packard HP5712 or equivalent
Figure 6 – On-Chip Protection Circuit
VDD
Analog
Pad
120 W
120 W
CALIBRATION
The SPT7850 uses an auto-calibration scheme to ensure
10-bit accuracy over time and temperature. Gain and off-
set errors are continually adjusted to 10-bit accuracy
during device operation. This process is completely trans-
parent to the user.
POWER SUPPLY SEQUENCING CONSIDERATIONS
All logic inputs should be held low until power to the device
has settled to the specific tolerances. Avoid power decou-
pling networks with large time constants that could delay
VDD power to the device.
CLOCK INPUT
The SPT7850 is driven from a single-ended TTL-input
clock. Because the pipelined architecture operates on the
rising edge of the clock input, the device can operate over
a wide range of input clock duty cycles without degrading
the dynamic performance. The device’s sample rate is
1/2 of the input clock frequency. (See figure 1A timing
diagram.)


Similar Part No. - SPT7850SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7850SCT CADEKA-SPT7850SCT Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
More results

Similar Description - SPT7850SCT

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Analog Devices
AD876 AD-AD876_15 Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Analog Devices
AD876 AD-AD876 Datasheet
335Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
logo
Cadeka Microcircuits LL...
SPT7840 CADEKA-SPT7840 Datasheet
188Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7840 FAIRCHILD-SPT7840 Datasheet
95Kb / 12P
   10-BIT, 10 MSPS, 100 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com