Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-4562 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4562
Description  High Bandwidth, Analog/Video Optocouplers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-4562 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-4562 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-4562 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Notes:
1. When used in the circuit of Figure 1 or Figure 4; G
V = VOUT/VIN; IFQ = 6 mA (HCPL-4562), IFQ = 10 mA (HCNW4562).
2. Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C (HCPL-4562).
3. Maximum variation from the best fit line of I
PB vs. IF expressed as a percentage of the peak-to-peak full scale output.
4. CURRENT TRANSFER RATIO (CTR) is defined as the ratio of output collector current, I
O, to the forward LED input current, IF, times 100%.
5. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and Pins 5, 6, 7, and 8 shorted together.
6. Flat-band, small-signal voltage gain.
7. The frequency at which the gain is 3 dB below the flat-band gain.
8. Differential gain is the change in the small-signal gain of the optocoupler at 3.58 MHz as the bias level is varied over a given range.
9. Differential phase is the change in the small-signal phase response of the optocoupler at 3.58 MHz as the bias level is varied over a given
range.
10. TOTAL HARMONIC DISTORTION (THD) is defined as the square root of the sum of the square of each harmonic distortion component. The THD
of the isolated video circuit is measured using a 2.6 kΩ load in series with the 50 Ω input impedance of the spectrum analyzer.
11. ISOLATION MODE REJECTION RATIO (IMRR), a measure of the optocoupler’s ability to reject signals or noise that may exist between input and
output terminals, is defined by 20 log
10 [(VOUT/VIN)/(VOUT/VIM)], where VIM is the isolation mode voltage signal.
12. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥4500 V rms for 1 second (leakage detec-
tion current limit, I
I-O ≤5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related
Characteristics Table, if applicable.
13. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage ≥6000 V rms for 1 second (leakage detec-
tion current limit, I
I-O ≤5 µA). This test is performed before the 100% Production test shown in the IEC/EN/DIN EN 60747-5-2 Insulation Related
Characteristics Table, if applicable.
Package Characteristics
All Typicals at T
A = 25°C
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Input-Output
V
ISO
HCPL-4562
3750
V rms
RH ≤50%,
5, 12
Momentary
HCNW4562
5000
t = 1 min.,
5, 13
Withstand
HCPL-4562
5000
T
A = 25°C
5, 13
Voltage*
(Option 020)
Input-Output
R
I-O
HCPL-4562
1012
Ω
V
I-O = 500 Vdc
5
Resistance
HCNW4562
1012
1013
T
A = 25°C
1011
T
A = 100°C
Input-Output
C
I-O
HCPL-4562
0.6
pF
f = 1 MHz
5
Capacitance
HCNW4562
0.5
0.6
*The Input-Output MomentaryWithstandVoltage is a dielectric voltage rating that should not be interpreted as an input-output continuous voltage
rating. For the continuous voltage rating refer to the VDE 0884 Insulation Related Characteristics Table (if applicable), your equipment level safety
specification or Avago Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage,” publication number 5963-2203E.


Similar Part No. - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
Broadcom Corporation.
HCPL-4562 BOARDCOM-HCPL-4562 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results

Similar Description - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com