Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC120638N770 Datasheet(PDF) 9 Page - AVX Corporation

Part # VC120638N770
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC120638N770 Datasheet(HTML) 9 Page - AVX Corporation

Back Button VC120638N770 Datasheet HTML 2Page - AVX Corporation VC120638N770 Datasheet HTML 3Page - AVX Corporation VC120638N770 Datasheet HTML 4Page - AVX Corporation VC120638N770 Datasheet HTML 5Page - AVX Corporation VC120638N770 Datasheet HTML 6Page - AVX Corporation VC120638N770 Datasheet HTML 7Page - AVX Corporation VC120638N770 Datasheet HTML 8Page - AVX Corporation VC120638N770 Datasheet HTML 9Page - AVX Corporation VC120638N770 Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
Temperature Dependence of Voltage
10
20
30
40
50
60
70
80
90
100
10-9
10-8
10-7
10-6
10-5
10-4
10-3
10-2
Current (A)
-40 C
25 C
85 C
125 C
-60 -40 -20
0
20
40
60
80
100 120
140 160
1.25�
1�
0.8�
0.6�
0.4�
0.2�
0
o
TYPICAL ENERGY DERATING VS TEMPERATURE
Temperature ( C)
TYPICAL PERFORMANCE CURVES (0603, 0805, 1206 & 1210 CHIP SIZES)
TEMPERATURE CHARACTERISTICS
TransGuard
® suppressors are designed to operate over the full temperature range from -55°C to +125°C. This operating
temperature range is for both surface mount and axial leaded products.
-55
-40
-20
0
20
40
60
80
100
120
140
150
TYPICAL BREAKDOWN AND CLAMPING VOLTAGES
VS TEMPERATURE - 18V
18V
Temperature ( C)
o
50
40
30
20
V
V
B
C
(
)
(
)
-55
-40
-20
0
20
40
60
80
100
120
140
150
TYPICAL BREAKDOWN AND CLAMPING VOLTAGES
VS TEMPERATURE - 5.6V
5.6V
Temperature ( C)
V
V
B
C
o
20
15
10
5
-55
-40
-20
0
20
40
60
80
100
120
140
150
TYPICAL BREAKDOWN AND CLAMPING VOLTAGES
VS TEMPERATURE - 26V
Temperature (
∞C)
26V
V
V
B
C
(
)
(
)
60
50
40
30
Average
+25
+20
+15
+10
+5
0
-5
-10
-15
-20
-25
-40
-20
0
20
40
60
80
100
120
140
Temperature (
°C)
TYPICAL CAPACITANCE VS TEMPERATURE


Similar Part No. - VC120638N770

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120638N770 AVX-VC120638N770 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120638N770 AVX-VC120638N770 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120638N770 AVX-VC120638N770 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120638N770 AVX-VC120638N770 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120638N770 AVX-VC120638N770 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC120638N770

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com