Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC120645K900 Datasheet(PDF) 4 Page - AVX Corporation

Part # VC120645K900
Description  AVX Multilayer Ceramic Transient Voltage Suppressors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC120645K900 Datasheet(HTML) 4 Page - AVX Corporation

  VC120645K900 Datasheet HTML 1Page - AVX Corporation VC120645K900 Datasheet HTML 2Page - AVX Corporation VC120645K900 Datasheet HTML 3Page - AVX Corporation VC120645K900 Datasheet HTML 4Page - AVX Corporation VC120645K900 Datasheet HTML 5Page - AVX Corporation VC120645K900 Datasheet HTML 6Page - AVX Corporation VC120645K900 Datasheet HTML 7Page - AVX Corporation VC120645K900 Datasheet HTML 8Page - AVX Corporation VC120645K900 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
V
W (DC)
DC Working Voltage (V)
V
W (AC)
AC Working Voltage (V)
V
B
Typical Breakdown Voltage (V @ 1mA
DC )
V
B Tol
V
B Tolerance is ± from Typical Value
V
C
Clamping Voltage (V @ I
VC )
I
VC
Test Current for V
C (A, 8x20μS)
I
L
Maximum Leakage Current at the
Working Voltage (μA)
E
T
Transient Energy Rating (J, 10x1000μS)
I
P
Peak Current Rating (A, 8x20μS)
Cap
Typical Capacitance (pF) @ frequency specified
and 0.5 VRMS
Freq
Frequency at which capacitance is measured
(K = 1kHz, M = 1MHz)
4
TransGuard
®
AVX Multilayer Ceramic Transient Voltage Suppressors
ELECTRICAL CHARACTERISTICS
AVX PN
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
Freq
Case
VC120626D580
26.0
18.0
34.5±10%
60
1
10
0.4
120
500
K
1206
VC120626F540
26.0
20.0
33.0±10%
54
1
15
0.7
200
600
K
1206
VC121026H560
26.0
18.0
34.5±10%
60
5
10
1.2
300
2150
K
1210
VJ13MC0260KBA
26.0
18.0
33.0±10%
62
10
25
1.2
300
1120
K
1210
VC181226P540
26.0
20.0
33.0±10%
54
5
15
3.0
800
3000
K
1812
VA100026D580
26.0
18.0
34.5±10%
60
1
10
0.4
120
650
K
1000
VC060330A650
30.0
21.0
41.0±10%
67
1
10
0.1
30
125
K
0603
VC080530A650
30.0
21.0
41.0±10%
67
1
10
0.1
30
90
M
0805
VC080530C650
30.0
21.0
41.0±10%
67
1
10
0.3
80
250
K
0805
VC120630D650
30.0
21.0
41.0±10%
67
1
10
0.4
120
400
K
1206
VC121030G620
30.0
21.0
41.0±10%
67
5
10
0.9
220
1750
K
1210
VC121030H620
30.0
21.0
41.0±10%
67
5
10
1.2
280
1850
K
1210
VC121030S620
30.0
21.0
41.0±10%
67
5
10
1.9
300
1500
K
1210
VJ13MC0300KBA
30.0
21.0
39.0±10%
73
10
25
0.9
220
1020
K
1210
VJ13PC0300KBA
30.0
21.0
39.0±10%
73
10
25
1.2
280
1150
K
1210
VA100030D650
30.0
21.0
41.0±10%
67
1
10
0.4
120
550
K
1000
VC080531C650
31.0
25.0
39.0±10%
65
1
10
0.3
80
250
K
0805
VC120631M650
31.0
25.0
39.0±10%
65
1
15
1.0
200
500
K
1206
VC080538C770
38.0
30.0
47.0±10%
77
1
10
0.3
80
200
K
0805
VC120638N770
38.0
30.0
47.0±10%
77
1
15
1.1
200
400
K
1206
VC121038S770
38.0
30.0
47.0±10%
77
2.5
15
2.0
400
1000
K
1210
VC181238U770
38.0
30.0
47.0±10%
77
5
15
4.2
800
1300
K
1812
VC222038Y770
38.0
30.0
47.0±10%
77
10
15
12
2000
4200
K
2220
VC120642L800
42.0
32.0
51.0±10%
80
1
15
0.8
180
600
K
1206
VC120645K900
45.0
35.0
56.0±10%
90
1
15
0.6
200
260
K
1206
VC181245U900
45.0
35.0
56.0±10%
90
5
15
4.0
500
1200
K
1812
VC120648D101
48.0
34.0
62.0±10%
100
1
10
0.4
100
225
K
1206
VC121048G101
48.0
34.0
62.0±10%
100
5
10
0.9
220
450
K
1210
VC121048H101
48.0
34.0
62.0±10%
100
5
10
1.2
250
500
K
1210
VJ13MC0480KBA
48.0
34.0
60.0±10%
110
10
25
0.9
220
800
K
1210
VJ13PC0480KBA
48.0
34.0
60.0±10%
110
10
25
1.2
250
840
K
1210
VA100048D101
48.0
34.0
62.0±10%
100
1
10
0.4
100
200
K
1000
VC120656F111
56.0
40.0
68.0±10%
110
1
15
0.7
100
180
K
1206
VC181256U111
56.0
40.0
68.0±10%
110
5
15
4.8
500
800
K
1812
VC121060J121
60.0
42.0
76.0±10%
120
5
10
1.5
250
400
K
1210
VJ13MC06000KBA
60.0
42.0
75.0±10%
126
10
25
1.5
250
600
K
1210
VA200060K121
60.0
42.0
76.0±10%
120
1
10
2.0
300
400
K
2000
VC120665L131
65.0
50.0
82.0±10%
135
1
15
0.8
100
120
K
1206
VC120665M131
65.0
50.0
82.0±10%
135
1
15
1.0
150
250
K
1206
VC121065P131
65.0
50.0
82±10%
135
2.5
15
2.7
350
600
K
1210
VC121085S151
85.0
60.0
100±10%
150
1
35
2.0
250
275
K
1210


Similar Part No. - VC120645K900

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120645K900 AVX-VC120645K900 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120645K900 AVX-VC120645K900 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120645K900 AVX-VC120645K900 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120645K900 AVX-VC120645K900 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120645K900 AVX-VC120645K900 Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC120645K900

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120614D300DP AVX-VC120614D300DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080530A650DP AVX-VC080530A650DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com