Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 15121
Description  TERMINAL BOARDS & STRIPS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

15121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  15121 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
142
TURRET TERMINAL BOARDS
Tel (718) 956-8900 Fax (718) 956-9040
(800) 221-5510 kec@keyelco.com
www.keyelco.com
31-07 20th Road – Astoria, NY 11105-2017
RoHS COMPLIANT ~ ISO 9001 CERTIFIED
®
QUICK-FIT TERMINAL STRIPS
A
.375 [9.5]
.187 [4.8]
L
.500 [12.7]
.128 [3.3] DIA. (2) PLS
.062 [1.57]
BACKING
INSULATOR
.031 (.79)
FIBER
A
NO. TERM.
BACKING STRIP
L
MTG.
EACH
CAT.
CAT.
LENGTH
CENTERS
SIDE
NO.
NO.
1.500 (38.1)
1.125 (28.6)
2
4116
4401
2.250 (57.2)
1.875 (47.6)
4
4117
4402
3.000 (76.2)
2.625 (66.7)
6
4118
4403
3.750 (95.3)
3.375 (85.7)
8
4119
4404
4.500 (114.3) 4.125 (104.8)
10
4120
4405
MATERIAL: Fiberglass - NEMA GRADE GPO-3.
A glass polyester rated for continuous
operation at 300°F (155°C) .062 (1.57)
Backing Strips: .031 (.79) fibre with
mounting holes drilled only
Terminals: Brass
CAT. NO. 1257 .032 (.81) Bright Brass
Other platings available on special order
NO. OF
L
A
TERMS
CAT. NO.
CAT. NO.
CAT. NO.
CAT. NO.
1.125 (28.6)
.750 (19.1)
1
603-1
609-1
604-1
607-1
1.500 (38.1)
1.125 (28.6)
2
603-2
609-2
604-2
607-2
1.875 (47.6)
1.500 (38.1)
3
603-3
609-3
604-3
607-3
2.250 (57.2)
1.875 (47.6)
4
603-4
609-4
604-4
607-4
2.625 (66.7)
2.250 (57.2)
5
603-5
609-5
604-5
607-5
3.000 (76.2)
2.625 (66.7)
6
603-6
609-6
604-6
607-6
3.375 (85.7)
3.000 (76.2)
7
603-7
609-7
604-7
607-7
3.750 (95.3)
3.375 (85.7)
8
603-8
609-8
604-8
607-8
4.125 (104.8) 3.750 (95.3)
9
603-9
609-9
604-9
607-9
4.500 (114.3)
4.125 (104.8)
10
603-10
609-10
604-10
607-10
NO. OF
MATERIAL
MATERIAL
TERMS
PBE
GEE
W
S
L
EACH SIDE
CAT. NO.
CAT. NO.
2.625 (66.7)
5
15101
15301
5.250 (133.4)
12
15102
15302
.500 [12.7]
Single Row
7.875 (200.0)
19
15103
15303
10.500 (266.7)
26
15104
15304
13.125 (333.4)
33
15105
15305
2.625 (66.7)
5
15106
15306
5.250 (133.4)
12
15107
15307
1.188 (30.2)
.750 (19.1)
7.875 (200.0)
19
15108
15308
10.50 (266.7)
26
15109
15309
13.125 (333.4)
33
15110
15310
2.625 (66.7)
5
15111
15311
5.250 (133.4)
12
15112
15312
1.500 (38.1) 1.000 (25.4)
7.875 (200.0)
19
15113
15313
10.500 (266.7)
26
15114
15314
13.125 (333.4)
33
15115
15315
2.625 (66.7)
5
15116
15316
5.250 (133.4)
12
15117
15317
2.000 (50.8) 1.500 (38.1)
7.875 (200.0)
19
15118
15318
10.500 (266.7)
26
15119
15319
13.125 (333.4)
33
15120
15320
2.625 (66.7)
5
15121
15321
5.250 (133.4)
12
15122
15322
2.500 (63.5) 2.000 (50.8)
7.875 (200.0)
19
15123
15323
10.500 (266.7)
26
15124
15324
13.125 (333.4)
33
15125
15325
2.625 (66.7)
5
15126
15326
5.250 (133.4)
12
15127
15327
3.000 (76.2) 2.500 (63.5)
7.875 (200.0)
19
15128
15328
10.500 (266.7)
26
15129
15329
13.125 (333.4)
33
15130
15330
Save Tooling Economical Complete Range of Sizes
BOARDS ON THIS PAGE ARE NOT SCORED
Ready-Made Terminal Boards: Low cost, meets commercial and military specifications.
Produced in large quantities, making it possible to eliminate tooling and setup charges
usually applied to non-standard boards.
Terminals are staked in all holes except end mounting holes.
Hole thru
1503
W S
.375 [9.5]
.187 [4.8]
.093 [2.36]
.120 [3.1] DIA.
W
L
A
.375 [9.5]
.187 [4.8]
L
.500 [12.7]
.120 [3.1] DIA. (2) PLS
.093 [2.36]
Hole thru
1503
1509
1545
1507
MATERIAL: Choice of either PBE or GEE.
PBE: Paper base electrical,MIL-1-24768/20, Type XP natural, Temp. 250°F (121°C) max.
GEE: Glass epoxy, MIL-I-24768/27, Type G-10, Temp. 300ºF (155°C) max.
Terminals: Brass, ASTM-B16. Tin Plate, MIL-T-10727. Other plating can be furnished
.
MATERIAL: PBE
PBE: Paper base electrical, FED. LP-513, Type XP natural,
Temp. 250°F (121°C) max.
Terminals: Brass, ASTM-B16. Tin Plate, MIL-T-10727.
Other plating can be furnished
.
MODIFICATIONS
Boards can be modified with other materials or terminals of your
choice. Marking can also be added. Quotations upon request.
.250 (6.4) TABS
M60Section8FREV1B1_11-2011 4/4/13 5:52PM Page142


Similar Part No. - 15121

ManufacturerPart #DatasheetDescription
logo
3M Electronics
151210-2320-RB 3M-151210-2320-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151210-2320-RB-WX 3M-151210-2320-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151210-2420-RB 3M-151210-2420-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151210-2420-RB-WX 3M-151210-2420-RB-WX Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
151210-7322-RB 3M-151210-7322-RB Datasheet
1Mb / 5P
   2 mm 횞 2 mm Solder Tail Straight & Right Angle, Surface Mount Straight
More results

Similar Description - 15121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
604-6 ETC2-604-6 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
TSM-105-01 ETC1-TSM-105-01 Datasheet
795Kb / 2P
   TERMINAL STRIPS
logo
Adam Technologies, Inc.
TBA-05-04-M ADAM-TECH-TBA-05-04-M Datasheet
125Kb / 1P
   BARRIER TERMINAL STRIPS
TBB-05-01-B ADAM-TECH-TBB-05-01-B Datasheet
126Kb / 1P
   BARRIER TERMINAL STRIPS
TBG-05-02-B ADAM-TECH-TBG-05-02-B Datasheet
147Kb / 1P
   BARRIER TERMINAL STRIPS
TBA0201B ADAM-TECH-TBA0201B Datasheet
104Kb / 1P
   1BARRIER TERMINAL STRIPS
TBD-03-04-M ADAM-TECH-TBD-03-04-M Datasheet
147Kb / 1P
   BARRIER TERMINAL STRIPS
TBE-05-03-B ADAM-TECH-TBE-05-03-B Datasheet
136Kb / 1P
   BARRIER TERMINAL STRIPS
TDA-06 ADAM-TECH-TDA-06 Datasheet
148Kb / 1P
   BARRIER TERMINAL STRIPS
logo
Advantech Co., Ltd.
ADAM-3900 ADVANTECH-ADAM-3900 Datasheet
547Kb / 1P
   DIN-rail Terminal Boards
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com