Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7936 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SPT7936
Description  12-BIT, 28 MSPS SAMPLING A/D CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPT7936 Datasheet(HTML) 7 Page - Fairchild Semiconductor

  SPT7936 Datasheet HTML 1Page - Fairchild Semiconductor SPT7936 Datasheet HTML 2Page - Fairchild Semiconductor SPT7936 Datasheet HTML 3Page - Fairchild Semiconductor SPT7936 Datasheet HTML 4Page - Fairchild Semiconductor SPT7936 Datasheet HTML 5Page - Fairchild Semiconductor SPT7936 Datasheet HTML 6Page - Fairchild Semiconductor SPT7936 Datasheet HTML 7Page - Fairchild Semiconductor SPT7936 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
8/1/00
SPT7936
CLOCK
The SPT7936 accepts a +3.3 V CMOS logic level at the CLK
input. The duty cycle of the clock should be kept as close to
50% as possible. Because consecutive stages in the ADC are
clocked in opposite phase to each other, a non-50% duty
cycle reduces the settling time available for every other stage,
thus potentially causing a degradation of dynamic performance.
For optimal performance at high input frequencies, the clock
should have low jitter and fast edges. The rise/fall times
should be kept shorter than 3 ns. Overshoot and undershoot
should be avoided. Clock jitter causes the noise floor to rise
proportional to the input frequency. Because jitter can be
caused by crosstalk on the PC board, it is recommended that
the clock trace be kept as short as possible and standard
transmission line practices be followed.
DIGITAL OUTPUTS
The digital output data appears in an offset binary code at
3.3 V CMOS logic levels. A negative full scale input results in
an all zeros output code (000…0). A positive full scale input
results in an all 1’s code (111…1). The output data is available
8 clock cycles after the data is sampled. The input signal is
sampled on the high to low transition of the input clock. Output
data should be latched on the low to high clock transition as
shown in figure 1, the Timing Diagram. The output data is
invalid for the first 20 clock cycles after the device is powered up.
OUT OF RANGE OUTPUT (OR)
The digital output OR goes to a logic high to indicate that the
analog input is out of range.
EVALUATION BOARD
The EB7936 Evaluation Board is available to aid designers in
demonstrating the full performance capability of the SPT7936.
The board includes an on-board clock driver, adjustable
voltage references, adjustable bias current circuits, single-to-
differential input buffers with adjustable levels, a single-to-
differential transformer (1:1), digital output buffers and 3.3/5 V
adjustable logic outputs. An application note (AN7936) is also
available which describes the operation of the evaluation
board and provides an example of the recommended power
and ground layout and signal routing. Contact the factory for
price and availability.
PACKAGE OUTLINE
44L TQFP
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
A
0.472 Typ
12.00 Typ
B
0.394 Typ
10.00 Typ
C
0.394 Typ
10.00 Typ
D
0.472 Typ
12.00 Typ
E
0.031 Typ
0.80 Typ
F
0.012
0.018
0.300
0.45
G
0.053
0.057
1.35
1.45
H
0.002
0.006
0.05
0.15
I
0.018
0.030
0.450
0.750
J
0.039 Typ
1.00 Typ
K
0-7
°
0-7
°
Index
A
B
C
D
Pin 1
E
F
G
H
I
J
K


Similar Part No. - SPT7936

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
SPT7936SCT CADEKA-SPT7936SCT Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results

Similar Description - SPT7936

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6640 AD-AD6640 Datasheet
488Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. 0
AD6640 AD-AD6640_15 Datasheet
2Mb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD6640ASTZ AD-AD6640ASTZ Datasheet
920Kb / 24P
   12-Bit, 65 MSPS IF Sampling A/D Converter
REV. A
AD9433 AD-AD9433 Datasheet
1,001Kb / 24P
   12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter
REV. 0
logo
Cadeka Microcircuits LL...
SPT7937 CADEKA-SPT7937 Datasheet
177Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7937 ETC1-SPT7937 Datasheet
91Kb / 11P
   12-BIT, 28 MSPS, 170 mW A/D CONVERTER
logo
Analog Devices
AD10201 AD-AD10201_15 Datasheet
914Kb / 20P
   Dual-Channel, 12-Bit 105 MSPS IF Sampling A/D Converter
REV. 0
logo
Texas Instruments
ADC12DL080 TI1-ADC12DL080_14 Datasheet
819Kb / 35P
[Old version datasheet]   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
logo
National Semiconductor ...
ADC12DL080 NSC-ADC12DL080 Datasheet
1Mb / 24P
   Dual 12-Bit, 80 MSPS, A/D Converter for IF Sampling
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com