Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1720IMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1720IMS8
Description  UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720IMS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1720IMS8 Datasheet HTML 1Page - Linear Technology LT1720IMS8 Datasheet HTML 2Page - Linear Technology LT1720IMS8 Datasheet HTML 3Page - Linear Technology LT1720IMS8 Datasheet HTML 4Page - Linear Technology LT1720IMS8 Datasheet HTML 5Page - Linear Technology LT1720IMS8 Datasheet HTML 6Page - Linear Technology LT1720IMS8 Datasheet HTML 7Page - Linear Technology LT1720IMS8 Datasheet HTML 8Page - Linear Technology LT1720IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT1720/LT1721
5
17201fc
TYPICAL PERFORMANCE CHARACTERISTICS
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
17201 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
25°C
VCC = 5V
TEMPERATURE (˚C)
–50
5.5
25
17201 G05
4.0
3.0
–25
0
50
2.5
2.0
6.0
5.0
4.5
3.5
75
100
125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
0
0
4
7
2
4
5
17201 G06
3
2
1
6
5
1
3
6
7
25°C
125°C
–55°C
OUTPUT LOAD CAPACITANCE (pF)
0
30
50
17201 G07
10
20
40
9
8
7
6
5
4
3
2
1
0
25°C
VSTEP = 100mV
OVERDRIVE = 20mV
VCC = 5V
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
TEMPERATURE (°C)
–50
7.5
25
17201 G08
6.0
5.0
–25
0
50
4.5
4.0
8.0
7.0
6.5
5.5
75
100
125
VCC = 3V
VCC = 3V
VCC = 5V
VCC = 5V
tPDLH
VCM = 1V
VSTEP = 100mV
CLOAD = 10pF
OVERDRIVE = 5mV
OVERDRIVE = 20mV
SUPPLY VOLTAGE (V)
2.5
4.5
5.0
4.0
4.0
5.0
17201 G09
3.0
3.5
4.5
5.5
6.0
RISING EDGE
(tPDLH)
FALLING EDGE
(tPDHL)
25°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
16
17201 G10
0.2
0.1
4
8
12
20
0.5
125°C
25°C
125°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = –15mV
–55°C
OUTPUT SOURCE CURRENT (mA)
0
–0.4
–0.2
0.0
16
17201 G11
–0.6
–0.8
–1.0
4
8
12
20
125°C
–55°C
25°C
25°C
VCC = 2.7V
VCC = 5V
VCM = 1V
VIN = 15mV
FREQUENCY (MHz)
0
7
8
10
30
NO LOAD
17201 G12
6
5
10
20
40
4
3
9
25°C
VCC = 5V
CLOAD = 20pF
Propagation Delay
vs Load Capacitance
Propagation Delay
vs Temperature
Propagation Delay
vs Supply Voltage
Output Low Voltage
vs Load Current
Output High Voltage
vs Load Current
Supply Current vs Frequency
Input Current
vs Differential Input Voltage
Quiescent Supply Current
vs Temperature
Quiescent Supply Current
vs Supply Voltage


Similar Part No. - LT1720IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720IS8 LINER-LT1720IS8 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
More results

Similar Description - LT1720IMS8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH205 FAIRCHILD-KH205 Datasheet
125Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Maxim Integrated Produc...
DS1481 MAXIM-DS1481 Datasheet
210Kb / 10P
   1-Wire Bus Master with Overdrive
061907
logo
National Semiconductor ...
CLC206 NSC-CLC206 Datasheet
362Kb / 6P
   Overdrive-Protected Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH206 CADEKA-KH206 Datasheet
415Kb / 5P
   Overdrive-Protected Wideband Op Amp
KH205 CADEKA-KH205 Datasheet
264Kb / 7P
   Overdrive-Protected Wideband Op Amp
logo
Fairchild Semiconductor
KH206 FAIRCHILD-KH206 Datasheet
350Kb / 5P
   Overdrive-Protected Wideband Op Amp
logo
Dallas Semiconductor
DS1481S DALLAS-DS1481S Datasheet
69Kb / 10P
   1-Wire Bus Master with Overdrive
logo
Maxim Integrated Produc...
MAX49140EVKIT MAXIM-MAX49140EVKIT Datasheet
385Kb / 5P
   Fast, 30ns Propagation Delay (10mV Overdrive)
319-100518; Rev 0; 4/20
logo
Dallas Semiconductor
DS1481 DALLAS-DS1481 Datasheet
69Kb / 10P
   1.Wire Bus Master with Overdrive
logo
DB Lectro Inc
PK-35A29EP-110Q DBLECTRO-PK-35A29EP-110Q Datasheet
313Kb / 2P
   95 at 30cm at Rated Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com