Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR3150-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # SR3150-HF
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR3150-HF Datasheet(HTML) 1 Page - Comchip Technology

  SR3150-HF Datasheet HTML 1Page - Comchip Technology SR3150-HF Datasheet HTML 2Page - Comchip Technology SR3150-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR320-HF Thru. SR3200-HF
Forward current: 3.0A
Reverse voltage: 20 to 200V
RoHS Device
Schottky Barrier Rectifier
QW-JB040
Page 1
REV:A
Features
-Axial lead type devices for through hole design.
-Low power loss, high efficiency.
-High current capability, Low forward voltage drop.
-High surge capability.
Mechanical Data
-Case: Molded plastic, DO-201AD/DO-27
-Epoxy: UL94V-0 rate flame retardant.
-Polarity: color band denoted cathode end.
-Lead: Axial lead, solderable per MIL-STD-202,
Method 208 guranteed.
-Weight: 1.10 gram
.
(approx.)
Maximum Ratings and Electrical Characteristics
Ratings at Ta=25°C unless otherwise noted.
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
Forward surge current
Reverse current
Storage temperature
A
A
mA
Parameter
Conditions
on rate load (JEDEC method)
8.3ms single half sine-wave superimposed
Forward rectified current
see Fig.1
Thermal resistance
Diode junction capacitance
VR =VRRM TA=25°C
VR =VRRM TA=100°C
f=1MHZ and applied 4V DC reverse Voltage
Junction to ambient
Symbol
IO
IFSM
IR
RθJA
CJ
TSTG
IR
mA
°C/W
pF
°C
3.0
70
0.5
20
55
250
-55
+175
Unit
Comchip
S M D D i o d e S p e c i a l i s t
-Ultra high-speed switching.
-Silicon epitaxial planar chip, metal silicon junction.
-Lead-free part meets environmental standards of
MIL-STD-19500/228
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
DO-27
1.0(25.4) min.
1.0(25.4) min.
0.375(9.50)
0.285(7.20)
0.220(5.60)
0.197(5.00)
0.052(1.30)
0.048(1.20)
DIA.
DIA.
Parameter
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Operating junction temperature range
Symbol
VRRM
VRMS
VDC
TJ
20
14
20
40
28
40
-50 ~ +150
60
42
60
100
70
100
150
105
150
200
140
200
-50 ~ +175
V
V
V
VF
0.45
0.81
0.90
V
0.70
0.50
0.87
°C
Maximum forward voltage
@3A , TA=25°C
SR320
-HF
SR340
-HF
SR360
-HF
SR3100
-HF
SR3150
-HF
SR3200
-HF
MIN.
TYP.
MAX.


Similar Part No. - SR3150-HF

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR3150-3A-751-DO-27 DGNJDZ-SR3150-3A-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3150-3A-DO-27 DGNJDZ-SR3150-3A-DO-27 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR3150-3A-VF0-751-DO-27 DGNJDZ-SR3150-3A-VF0-751-DO-27 Datasheet
273Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Won-Top Electronics
SR3150-T3 WTE-SR3150-T3 Datasheet
61Kb / 4P
   3.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR3150-HF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com