Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1931 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1931
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1931 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1931 Datasheet HTML 6Page - Linear Technology LT1931 Datasheet HTML 7Page - Linear Technology LT1931 Datasheet HTML 8Page - Linear Technology LT1931 Datasheet HTML 9Page - Linear Technology LT1931 Datasheet HTML 10Page - Linear Technology LT1931 Datasheet HTML 11Page - Linear Technology LT1931 Datasheet HTML 12Page - Linear Technology LT1931 Datasheet HTML 13Page - Linear Technology LT1931 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT3580
10
3580fg
APPLICATIONS INFORMATION
these materials retain their capacitance over wider voltage
and temperature ranges. A 4.7μF to 20μF output capaci-
tor is sufficient for most applications, but systems with
very low output currents may need only a 1μF or 2.2μF
output capacitor. Always use a capacitor with a sufficient
voltage rating. Many capacitors rated at 2.2μF to 20μF,
particularly 0805 or 0603 case sizes, have greatly reduced
capacitance at the desired output voltage. Solid tantalum
or OS-CON capacitors can be used, but they will occupy
more board area than a ceramic and will have a higher
ESR with greater output ripple.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as closely as
possible to the LT3580. A 2.2μF to 4.7μF input capacitor
is sufficient for most applications.
Table 2 shows a list of several ceramic capacitor manufac-
turers. Consult the manufacturers for detailed information
on their entire selection of ceramic parts.
Table 2. Ceramic Capacitor Manufacturers
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Compensation—Adjustment
To compensate the feedback loop of the LT3580, a series
resistor-capacitor network in parallel with a single capacitor
should be connected from the VC pin to GND. For most
applications, the series capacitor should be in the range
of 470pF to 2.2nF with 1nF being a good starting value.
The parallel capacitor should range in value from 10pF to
100pF with 47pF a good starting value. The compensation
resistor, RC, is usually in the range of 5k to 50k. A good
technique to compensate a new application is to use a
100k
Ω potentiometer in place of series resistor RC. With
the series capacitor and parallel capacitor at 1nF and 47pF
respectively, adjust the potentiometer while observing the
transient response and the optimum value for RC can be
found. Figures 3a to 3c illustrate this process for the circuit
of Figure 14 with a load current stepped between 400mA
and 500mA. Figure 3a shows the transient response with
RC equal to 1k. The phase margin is poor, as evidenced by
the excessive ringing in the output voltage and inductor
current. In Figure 3b, the value of RC is increased to 3k,
which results in a more damped response. Figure 3c
shows the results when RC is increased further to 10k. The
transient response is nicely damped and the compensation
procedure is complete.
Figure 3a. Transient Response Shows Excessive Ringing
Figure 3b. Transient Response Is Better
Figure 3c. Transient Response Is Well Damped
VOUT
200mV/DIV
AC COUPLED
IL
0.5A/DIV
200μs/DIV
RC = 1k
3580 F03a
VOUT
200mV/DIV
AC COUPLED
IL
0.5A/DIV
200μs/DIV
RC = 3k
3580 F03b
VOUT
200mV/DIV
AC COUPLED
IL
0.5A/DIV
200μs/DIV
RC = 10k
3580 F03c


Similar Part No. - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1931 LINER-LT1931 Datasheet
212Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
426Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
477Kb / 36P
   Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT1931 LINER-LT1931 Datasheet
454Kb / 12P
   1.2MHz/2.2MHz Inverting DC/DC Converters in ThinSOT
LT1931 LINER-LT1931 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
More results

Similar Description - LT1931

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3580 LINER-LT3580_15 Datasheet
300Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT3580 LINER-LT3580 Datasheet
460Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT8570 LINER-LT8570_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8570-1 LINER-LT8570-1_15 Datasheet
663Kb / 34P
   Boost/SEPIC/Inverting DC/DC Converter with 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580 Datasheet
448Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT8580 LINER-LT8580_15 Datasheet
438Kb / 32P
   Boost/SEPIC/Inverting DC/DC Converter with 1A, 65V Switch, Soft-Start and Synchronization
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com