Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1321IN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1321IN
Description  Features Receiver Three-State Outputs Low Supply Current: 1mA Typical
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1321IN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1321IN Datasheet HTML 6Page - Linear Technology LTC1321IN Datasheet HTML 7Page - Linear Technology LTC1321IN Datasheet HTML 8Page - Linear Technology LTC1321IN Datasheet HTML 9Page - Linear Technology LTC1321IN Datasheet HTML 10Page - Linear Technology LTC1321IN Datasheet HTML 11Page - Linear Technology LTC1321IN Datasheet HTML 12Page - Linear Technology LTC1321IN Datasheet HTML 13Page - Linear Technology LTC1321IN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1321/LTC1322/LTC1335
LTC1321 Interface Configuration With Loopback
LTC1322/LTC1335 Interface Configuration Without Loopback
RA1
PORT 1 = EIA562 MODE
PORT 2 = EIA562 MODE
A2
B2
23
DY2
17
14
RB2
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
DY1
5
6
VCC
ON
DE1
B1
A1
Z1
Y1
PORT 1 = RS485 MODE
PORT 2 = EIA562 MODE
DZ2
Y2
Z2
**SEL1
SEL2
24
3
4
2
7
8
9
10
11
22
21
20
LB
18
19
16
GND
VEE
12
12
13
RA2
15
PORT 1 = EIA562 MODE
PORT 2 = RS485 MODE
1
*VDD/OE
*
RB1
RB1
RA1
VCC
DZ1
DY1
ON
Z1
A1
B1
DY2
DZ2
Z2
Y2
A2
SEL1
SEL2
23
24
1
4
2
3
6
7
8
9
21
22
19
LB
18
17
GND
VEE
10
B2
11
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
12
RB1
RA1
VCC
DZ1
DY1
ON
Z1
A1
B1
DY2
DE2
Z2
Y2
A2
SEL1
**SEL2
23
24
1
4
2
3
6
7
8
9
21
22
19
LB
18
17
GND
VEE
10
B2
11
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
12
1322/35 BD01
RA1
VCC
DE1
DY1
ON
Z1
A1
B1
DY2
DE2
Z2
Y2
A2
**SEL2
23
24
1
4
2
3
6
7
8
9
21
22
19
LB
18
17
GND
VEE
10
B2
11
15
14
13
RA2
RB2
16
Y1
5
20
*VDD/OE
*
**SEL1
RB1
FOR LTC1322 ONLY, PIN 1 IS VDD, AND OE IS ALWAYS ENABLED.
FOR LTC1335, PIN 1 IS OE, AND VDD IS CONNECTED TO VCC.
SEL1/SEL2 = VCC.
*
**
1321 BD02
RA1
VCC
VDD
DY1
ON
Y1
PORT 1 = EIA562 MODE
PORT 2 = EIA562 MODE
DY2
Y2
SEL1
SEL2
24
22
1
5
6
7
8
20
19
LB
18
17
GND
VEE
12
13
RA2
15
PORT 1 = RS485 MODE
PORT 2 = RS485 MODE
DY1
6
RA1
VCC
VDD
DE1
ON
Z1
Y1
PORT 1 = RS485 MODE
PORT 2 = EIA562 MODE
DY2
Y2
*SEL1
*SEL1/SEL2 = VCC
SEL2
24
22
1
5
4
7
8
21
20
LB
18
19
17
GND
VEE
12
13
RA2
15
RA1
VCC
VDD
DY1
ON
DE2
Y1
PORT 1 = EIA562 MODE
PORT 2 = RS485 MODE
DY2
SEL1
24
22
1
5
6
7
8
9
20
19
LB
18
17
16
12
13
15
Y2
Z2
*SEL2
GND
VEE
RA2
DE2
DY2
7
8
9
17
16
12
13
15
Y2
Z2
*SEL2
GND
VEE
RA2
DY1
6
RA1
VCC
VDD
DE1
Z1
Y1
*SEL1
24
22
1
5
4
21
20
LB
19
ON
18
BLOCK DIAGRA SM


Similar Part No. - LTC1321IN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1321IN LINER-LTC1321IN Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321IN LINER-LTC1321IN Datasheet
337Kb / 20P
   Transceivers
More results

Similar Description - LTC1321IN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3105N8 DIODES-ZXGD3105N8 Datasheet
380Kb / 13P
   Low standby power with quiescent supply current < 1mA
logo
IK Semicon Co., Ltd
ILX485 IKSEMICON-ILX485 Datasheet
485Kb / 8P
   Three-State Outputs
logo
Integrated Silicon Solu...
IS62WV2568EALL ISSI-IS62WV2568EALL Datasheet
869Kb / 16P
   Three state outputs
IS62WV12816EALL ISSI-IS62WV12816EALL Datasheet
1Mb / 17P
   Three state outputs
logo
Micross Components
AS5C4009 MICROSS-AS5C4009 Datasheet
162Kb / 12P
   Three state outputs
logo
Integrated Silicon Solu...
IS66WV51216EALL ISSI-IS66WV51216EALL Datasheet
620Kb / 17P
   Three state outputs
logo
Motorola, Inc
SN75175 MOTOROLA-SN75175 Datasheet
135Kb / 8P
   QUAD EIA-485 LINE RECEIVER WITH THREE-STATE OUTPUTS
logo
Solid State Optronic
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
   Low Input Control Current (1mA TYP)
logo
NTE Electronics
NTE7174 NTE-NTE7174 Datasheet
39Kb / 3P
   Integrated Circuit Quad EIA−422 Line Receiver With Three−State Outputs
logo
Renesas Technology Corp
HD74LS367A RENESAS-HD74LS367A Datasheet
63Kb / 6P
   (non-inverted data outputs with three-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com