Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKP386M268125JT2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # MKP386M268125JT2
Description  Metallized Polypropylene Film Capacitor Radial Snubber Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP386M268125JT2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button MKP386M268125JT2 Datasheet HTML 5Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 6Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 7Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 8Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 9Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 10Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 11Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 12Page - Vishay Siliconix MKP386M268125JT2 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MKP386M Snubber
www.vishay.com
Vishay Roederstein
Revision: 11-Nov-13
9
Document Number: 28170
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MOUNTING
Normal Use
The capacitors are designed for mounting on printed-circuit
boards or IGBT or GTO modules.
Specific Method of Mounting to Withstand Vibration
and Shock
In order to withstand vibration and shock tests, the
capacitors shall be mechanically fixed by tabs it must be
ensured that the tabs are screwed tightly on the test board.
When the weight of the capacitor is bigger than 50 g it needs
a clamp in the body of the capacitor.
SOLDERING CONDITIONS
Storage Temperature
Tstg = - 25 °C to + 35 °C with RH maximum 75 % without
condensation.
Ratings and Characteristics Reference Conditions
Unless otherwise specified, all electrical values apply to an
ambient temperature of 23 °C ± 1 °C, an atmospheric
pressure of 86 kPa to 106 kPa and a relative humidity of
50 % ± 2 %.
For reference testing, a conditioning period shall be applied
over 96 h ± 4 h by heating the products in a circulating air
oven at the rated temperature and a relative humidity not
exceeding 20 %.
CHARACTERISTICS
Capacitance as a function of ambient temperature
(typical curve)
Impedance as a function of frequency
(typical curve)
Impedance as function of frequency for box length 44.0 mm
(typical curve)
Max. DC and AC voltage as a function of temperature
- 60
- 40
- 20
2
3
- 2
- 3
- 4
- 5
- 6
0
1
- 1
0
40
60
80
20
100
Tamb (°C)
4
1 000 000
100 000
10 000
10 000 000
f (Hz)
1 μF
4 μF
10 μF
0.01
0.1
1
10
100
Box length 33.5 mm
Box length 44.0 mm
Box length 57.5 mm
10.00
1.00
0.10
0.00
10 000
100 000
1 000 000
10 000 000
0.01
5 µF
2 µF
f (Hz)
- 60
- 20
20
60
100
T
amb (°C)
0
1.0
0.8
0.6
0.4
0.2
1.2


Similar Part No. - MKP386M268125JT2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP386M268125JT2 VISHAY-MKP386M268125JT2 Datasheet
253Kb / 18P
   Metallized Polypropylene Film Capacitor
Revision: 11-Jun-15
More results

Similar Description - MKP386M268125JT2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMKP386 VISHAY-MMKP386 Datasheet
149Kb / 13P
   Double Metallized Polypropylene Film Capacitor Radial Snubber Type
MKP1847AC VISHAY-MKP1847AC Datasheet
159Kb / 15P
   Metallized Polypropylene Film Capacitor AC Filtering Radial Type
Revision: 22-Sep-14
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com