Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3780EG Datasheet(PDF) 27 Page - Linear Technology

Part # LTC3780EG
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3780EG Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC3780EG Datasheet HTML 22Page - Linear Technology LTC3780EG Datasheet HTML 23Page - Linear Technology LTC3780EG Datasheet HTML 24Page - Linear Technology LTC3780EG Datasheet HTML 25Page - Linear Technology LTC3780EG Datasheet HTML 26Page - Linear Technology LTC3780EG Datasheet HTML 27Page - Linear Technology LTC3780EG Datasheet HTML 28Page - Linear Technology LTC3780EG Datasheet HTML 29Page - Linear Technology LTC3780EG Datasheet HTML 30Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
LTC3780
27
3780ff
For more information www.linear.com/LTC3780
G Package
24-Lead Plastic SSOP (5.3mm)
(Reference LTC DWG # 05-08-1640)
G24 SSOP 0204
0.09 – 0.25
(.0035 – .010)
0
° – 8°
0.55 – 0.95
(.022 – .037)
5.00 – 5.60**
(.197 – .221)
7.40 – 8.20
(.291 – .323)
1 2 3 4 5 6 7 8 9 10 11 12
7.90 – 8.50*
(.311 – .335)
21
22
18 17 16 15 14 13
19
20
23
24
2.0
(.079)
MAX
0.05
(.002)
MIN
0.65
(.0256)
BSC
0.22 – 0.38
(.009 – .015)
TYP
MILLIMETERS
(INCHES)
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED .152mm (.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED .254mm (.010") PER SIDE
*
**
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
0.42
±0.03
0.65 BSC
5.3 – 5.7
7.8 – 8.2
RECOMMENDED SOLDER PAD LAYOUT
1.25
±0.12
package DescripTion
Please refer to http://www.linear.com/designtools/packaging/ for the most recent package drawings.


Similar Part No. - LTC3780EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780EG LINER-LTC3780EG Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LTC3780EGPBF LINER-LTC3780EGPBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
More results

Similar Description - LTC3780EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789 Datasheet
491Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
   High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LT3791EFE-1 LINER-LT3791EFE-1 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LT3790 LINER-LT3790_15 Datasheet
451Kb / 28P
   60V Synchronous 4-Switch Buck-Boost Controller
logo
Renesas Technology Corp
ISL81401 RENESAS-ISL81401 Datasheet
3Mb / 47P
   40V 4-Switch Synchronous Buck-Boost Controller
Jan 27, 2022
logo
Linear Technology
LT3791-1 LINER-LT3791-1_15 Datasheet
332Kb / 26P
   60V 4-Switch Synchronous Buck-Boost Controller
LTC3780 LINER-LTC3780_12 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com