Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5514 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5514
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5514 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5514 Datasheet HTML 4Page - Linear Technology LT5514 Datasheet HTML 5Page - Linear Technology LT5514 Datasheet HTML 6Page - Linear Technology LT5514 Datasheet HTML 7Page - Linear Technology LT5514 Datasheet HTML 8Page - Linear Technology LT5514 Datasheet HTML 9Page - Linear Technology LT5514 Datasheet HTML 10Page - Linear Technology LT5514 Datasheet HTML 11Page - Linear Technology LT5514 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6400-14
8
640014fb
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–110
–100
640014 G13
NO RL
200Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P COMPOSITE
0
50
100
150
200
250
300
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
0
–5
5.0
2.5
0.5
1.0
2.0
3.5
3.0
4.5
4.0
1.5
0
20
40
60
80
100
640014 G10
+OUT
–OUT
+IN
–IN
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
–5
0
12
4
3
5
640014 G11
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TYPICAL PERFORMANCE CHARACTERISTICS
Overdrive Recovery Response
1% Settling Time for 2V
Output Step
Harmonic Distortion vs Frequency
Third Order Intermodulation
Distortion vs Frequency
Third Order Intermodulation
Distortion vs Frequency
FREQUENCY (MHz)
050
–40
–50
–60
–80
–90
–70
–110
–100
100
150
200
250
300
640014 G12
HD2 NO RL
HD2 200Ω RL
HD3 NO RL
HD3 200Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P
Harmonic Distortion vs Frequency
FREQUENCY (MHz)
050
–40
–50
–60
–80
–90
–70
–110
–100
100
150
200
250
300
640014 G14
HD2 NO RL
HD2 200Ω RL
HD3 NO RL
HD3 200Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–110
–100
640014 G15
NO RL
200Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P COMPOSITE
0
50
100
150
200
250
300


Similar Part No. - LT5514

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5514 LINER-LT5514 Datasheet
275Kb / 20P
   Ultralow Distortion IF Amplifier/ADC Driver with Digitally Controlled Gain
LT5514 LINER-LT5514 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT5514 LINER-LT5514 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5514 LINER-LT5514 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5514 LINER-LT5514 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
More results

Similar Description - LT5514

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com