Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6411 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6411
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6411 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6411 Datasheet HTML 2Page - Linear Technology LT6411 Datasheet HTML 3Page - Linear Technology LT6411 Datasheet HTML 4Page - Linear Technology LT6411 Datasheet HTML 5Page - Linear Technology LT6411 Datasheet HTML 6Page - Linear Technology LT6411 Datasheet HTML 7Page - Linear Technology LT6411 Datasheet HTML 8Page - Linear Technology LT6411 Datasheet HTML 9Page - Linear Technology LT6411 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6400-14
6
640014fb
AC ELECTRICAL CHARACTERISTICS Specifications are at T
A = 25°C. V
+ = 3V, V= 0V, VOCM = 1.25V,
ENABLE = 0V, No RL unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
300MHz Input Signal
HD2,300M/HD3,300M
Second/ Third-Order Harmonic
Distortion
2VP-P, OUT, RL = 200Ω
–61/–51
dBc
2VP-P, OUT, No RL
–61/–55
dBc
IMD3,300M
Third-Order Intermodulation
(f1 = 299.5MHz f2 = 300.5MHz)
2VP-P, OUT Composite, RL = 200Ω
–62
dBc
2VP-P, OUT Composite, No RL
–66
dBc
OIP3,300M
Third-Order Output Intercept Point
(f1 = 299.5MHz f2 = 300.5MHz)
2VP-P, OUT Composite, No RL (Note 7)
36.9
dBm
P1dB,300M
1dB Compression Point
RL = 375Ω (Notes 5, 7)
17.4
dBm
NF300M
Noise Figure
RL = 375Ω (Note 5)
8.2
dB
eN, 300M
Input Referred Voltage Noise Density
Includes Resistors (Short Inputs)
2.5
nV/√Hz
eON, 300M
Output Referred Voltage Noise Density Includes Resistors (Short Inputs)
13.9
nV/√Hz
IMD3,280M/320M
Third-Order Intermodulation
(f1 = 280MHz f2 = 320MHz)
Measured at 360MHz
2VP-P, OUT Composite, RL = 375Ω
–63
–55
dBc
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Input pins (+IN, –IN) are protected by steering diodes to either
supply. If the inputs go beyond either supply rail, the input current should
be limited to less than 10mA.
Note 3: The LTC6400C and LTC6400I are guaranteed functional over the
operating temperature range of –40°C to 85°C.
Note 4: The LTC6400C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40 to 85°C but is not tested or QA sampled at these
temperatures. The LTC6400I is guaranteed to meet specified performance
from –40°C to 85°C.
Note 5: Input and output baluns used. See Test Circuit A.
Note 6: Measured using Test Circuit B.
Note 7: Since the LTC6400-14 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an AD converter.
Therefore, typical output power is very small. In order to compare the
LTC6400-14 with amplifiers that require 50
Ω output load, the LTC6400-14
output voltage swing driving a given RL is converted to OIP3 and P1dB as
if it were driving a 50
Ω load. Using this modified convention, 2VP-P is by
definition equal to 10dBm, regardless of actual RL.


Similar Part No. - LT6411

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6411 ETC1-LT6411 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT6411 LINER-LT6411 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT6411 LINER-LT6411 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
More results

Similar Description - LT6411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
   1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com