Electronic Components Datasheet Search |
|
LT1787HV Datasheet(PDF) 9 Page - Linear Technology |
|
LT1787HV Datasheet(HTML) 9 Page - Linear Technology |
9 / 22 page LTC6101/LTC6101HV 9 6101fh BLOCK DIAGRAM OUT: Current Output. OUT will source a current that is proportional to the sense voltage into an external resistor. V–: Negative Supply (or Ground for Single-Supply Operation). –IN: The internal sense amplifier will drive IN– to the same potential as IN+. A resistor (RIN) tied from V+ to IN– sets the output current IOUT = VSENSE/RIN. VSENSE is the voltage developed across the external RSENSE (Figure 1). +IN: Must be tied to the system load end of the sense resistor, either directly or through a resistor. V+: Positive Supply Pin. Supply current is drawn through this pin. The circuit may be configured so that the LTC6101 supply current is or is not monitored along with the system load current. To monitor only system load current, connect V+ to the more positive side of the sense resistor. To monitor the total current, including the LTC6101 current, connect V+ to the more negative side of the sense resistor. The LTC6101 high side current sense amplifier (Figure 1) provides accurate monitoring of current through a user- selected sense resistor. The sense voltage is amplified by a user-selected gain and level shifted from the positive power supply to a ground-referred output. The output signal is analog and may be used as is or processed with an output filter. Theory of Operation An internal sense amplifier loop forces IN– to have the same potential as IN+. Connecting an external resis- tor, RIN, between IN– and V+ forces a potential across RIN that is the same as the sense voltage across RSENSE. A corresponding current, VSENSE/RIN, will flow through RIN. The high impedance inputs of the sense amplifier will not conduct this input current, so it will flow through an internal MOSFET to the output pin. The output current can be transformed into a voltage by adding a resistor from OUT to V–. The output voltage is then VO = V– + IOUT • ROUT. V+ V– 10V OUT 6101 BD LTC6101/LTC6101HV VBATTERY IOUT VSENSE RSENSE ILOAD ROUT RIN – + L O A D VOUT = VSENSE x ROUT RIN 5k 5k 10V –IN +IN Figure 1. LTC6101/LTC6101HV Block Diagram and Typical Connection APPLICATIONS INFORMATION PIN FUNCTIONS |
Similar Part No. - LT1787HV |
|
Similar Description - LT1787HV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |