Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SD05-7
Description  UNI-DIRECTIONAL SURFACE MOUNT TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD05-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  SD05-7 Datasheet HTML 1Page - Diodes Incorporated SD05-7 Datasheet HTML 2Page - Diodes Incorporated SD05-7 Datasheet HTML 3Page - Diodes Incorporated SD05-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SD05
Document number: DS31594 Rev. 5 - 2
3 of 4
www.diodes.com
November 2012
© Diodes Incorporated
SD05
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOD323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
Dimensions Value (in mm)
G
1.520
X
0.590
X1
2.700
Y
0.450
K
L
M
J
C
H
B
A
Y
X
X1
G


Similar Part No. - SD05-7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
699Kb / 4P
   450W Discrete Unidirectional TVS Diode
SD05-01FTG LITTELFUSE-SD05-01FTG Datasheet
1,004Kb / 7P
   450W Discrete Unidirectional TVS Diode
More results

Similar Description - SD05-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
   UNI-DIRECTIONAL SURFACE MOUNT TVS
logo
WILLAS ELECTRONIC CORP
VGFM5.0A-FN5 WILLAS-VGFM5.0A-FN5 Datasheet
289Kb / 3P
   90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-5.0V
VGFM11A-FN5 WILLAS-VGFM11A-FN5 Datasheet
291Kb / 3P
   90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-11V
VGFM24A-FN5 WILLAS-VGFM24A-FN5 Datasheet
289Kb / 3P
   90W SURFACE MOUNT UNI-DIRECTIONAL TVS DIODE-24V
logo
SeCoS Halbleitertechnol...
SD36 SECOS-SD36_17 Datasheet
300Kb / 2P
   TVS Protection (Uni-Directional)
logo
Shanghai Leiditech Elec...
SD0791P1W LEIDITECH-SD0791P1W Datasheet
1Mb / 4P
   UNI-DIRECTIONAL TVS DIODE
logo
SeCoS Halbleitertechnol...
SD24-C SECOS-SD24-C Datasheet
123Kb / 2P
   TVS Protection (Uni-Directional)
logo
Central Semiconductor C...
CMNTVS5V0 CENTRAL-CMNTVS5V0 Datasheet
911Kb / 4P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL
CMNTVS12V CENTRAL-CMNTVS12V Datasheet
917Kb / 4P
   SURFACE MOUNT SILICON UNI-DIRECTIONAL
logo
First Silicon Co., Ltd
FTVS2491D2 FS-FTVS2491D2 Datasheet
319Kb / 4P
   Uni-directional TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com